PART |
Description |
Maker |
ACT6308UC-T ACT6308 |
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
|
Active-Semi, Inc
|
ACT6305UC-T |
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
|
Active-Semi, Inc
|
SC460308 SC4603IMSTRT |
Very Low Input, MHz Operation,High Efficiency Synchronous Buck
|
Semtech Corporation
|
SC462008 |
Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
|
Semtech Corporation
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
CY7C4261V CY7C4271V 7C4291V CY7C4271V-25JC CY7C426 |
128K x 9 low voltage Deep Sync FIFO, 15ns 64K x 9 low voltage Deep Sync FIFO, 25ns 64K x 9 low voltage Deep Sync FIFO, 15ns 16K x 9 low voltage Deep Sync FIFO, 25ns 32K x 9 low voltage Deep Sync FIFO, 15ns 16K x 9 low voltage Deep Sync FIFO, 15ns 32K x 9 low voltage Deep Sync FIFO, 25ns From old datasheet system 16K/32K/64K/128Kx9 Low Voltage Deep Sync FIFOs
|
Cypress
|
BYW29FP-200 5011 BYW29G-200 BYW29-200 BYW29F-200 B |
Low noise low drop voltage regulator with shutdown function From old datasheet system HIGH EFFICIENCY FAST RECOVERY DIODES HIGH EFFICIENCY FAST RECOVERY DIODES
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MAX649 MAX649CPA MAX649CSA MAX649EPA MAX649ESA MAX |
5V/3.3V/3V or Adjustable, High-Efficiency, 5V/3.3V/3V或可调,高效率, 5V/3.3V/3V or Adjustable / High-Efficiency / 5V/3.3V/3V or Adjustable High-Efficiency 5V/3.3V/3V or Adjustable, High-Efficiency, Low-I
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SA626D SA626DK |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% Low voltage high performance mixer FM IF system with high-speed RSSI
|
PHILIPS[Philips Semiconductors]
|
EP05Q04 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight LOW POWER LOSS/ HIGH EFFICIENCY LOW POWER LOSS HIGH EFFICIENCY LOW POWER LOSS, HIGH EFFICIENCY
|
ETC[ETC] Nihon Inter Electronics Corporation
|
ERA-5SM ERA-3SM ERA-50SM ERA-4 ERA-4SM ERA-4XSM ER |
MONOLITHIC AMPLIFIERS 50?BROADBAND DC to 8 GHz MONOLITHIC AMPLIFIERS 50?/a> BROADBAND DC to 8 GHz MONOLITHIC AMPLIFIERS 50 BROADBAND DC to 8 GHz Surface Mount Monolithic Amplifier 50/ Broadband/ DC to 4 GHz Monolithic Amplifier 50OHM/ Broadband/ DC to 4 GHz AC-DC Converter, 60Watt,Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 5, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, Indefinite (automatic recovery) AC-DC Converter, 60Watt,Input VAC: 90~260, Output VDC: 5, Max Output Current(A): 10, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, Indefinite (automatic recovery) AC-DC Converter, 60Watt,Input VAC: 90~260, Output VDC: 24, Max Output Current(A): 2.5, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, Indefinite (automatic recovery) AC-DC Converter, 60Watt,Input VAC: 90~260, Output VDC: 15, Max Output Current(A): 4, Package: Encapsulated, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%, Indefinite (automatic recovery) AC-DC Converter, 75 Watt Input VAC: 90~260, Output VDC: 12, Max Output Current(A): 6.25, Package: Enclosed, Isolation(VDC): 3000, Operating Temp.: -25C to 70C, Low Ripple & Noise, High Efficiency up to 80%,Single Outputs MONOLITHIC AMPLIFIERS 50з BROADBAND DC to 8 GHz 0 MHz - 4000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER MONOLITHIC AMPLIFIERS 50з BROADBAND DC to 8 GHz 0 MHz - 3000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
MINI[Mini-Circuits]
|
|