PART |
Description |
Maker |
MC74VHCT373A ON1751 MC74VHCT373AM MC74VHCT373ADT M |
From old datasheet system OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT Octal D-Type Latch (TTL Compatible)
|
ONSEMI[ON Semiconductor]
|
74ACT37301 74ACT373TTR 74ACT373M 74ACT373MTR 74ACT |
OCTAL D-TYPE LATCH WITH 3-STATE OUTPUT NON INVERTING OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS (NON INVERTED)
|
ST Microelectronics STMicroelectronics
|
DM74ALS563A DM74ALS563AWM DM74ALS563AN DM74ALS563A |
From old datasheet system Octal D-Type Transparent Latch with 3-STATE Output 8-Bit D-Type Latch RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.42Vf 0.4mA-ir PowerDI-123 3K/REEL
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
SN74LS374DW SN74LS374N SN74LS373DW SN54LS374J 74LS |
OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS; OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT Hex Inverter; Package: SOEIAJ-14; No of Pins: 14; Container: Rail; Qty per Container: 50
|
MOTOROLA[Motorola, Inc] Motorola, Inc. Motorola Inc
|
74AHC37308 74AHC373D 74AHCT373D 74AHCT373PW 74AHC3 |
Octal D-type transparant latch; 3-state Octal D-type transparent latch; 3-state
|
NXP Semiconductors N.V.
|
74LVC573ABQ |
Octal D-type transparent latch with 5 V tolerant inputs-outputs; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC573A; Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
|
NXP Semiconductors N.V. Philips
|
MM74HCT373 MM74HCT373WM MM74HCT373SJ MM74HCT373MTC |
Micropower 5.0 V, 100mA Low Dropout Linear Regulator with NOCAP; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Tape and Reel; Qty per 3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IDT74LVC573A IDT74LVC573APG IDT74LVC573APY IDT74LV |
3.3V CMOS Octal Transparent D-Type Latch with 3-State Outputs, 5.0V Tolerant I/O 3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS, 5V TOLERANT I/O 3.3V CMOS OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
|
IDT[Integrated Device Technology]
|
74ALVC573 |
Octal D-type transparent latch;
|
Philips
|
SL74LV573 SL74LV573D SL74LV573N LV573 |
OCTAL D-TYPE TRANSPARENT LATCH (3-State)
|
SLS[System Logic Semiconductor]
|