PART |
Description |
Maker |
STS25NH3LL07 STS25NH3LL |
N-channel 30V - 0.0032Ω - 25 A - SO-8 STripFET III Power MOSFET for DC/DC conversion N-channel 30 V - 0.0032 ヘ - 25 A - SO-8 STripFET⑩ III Power MOSFET for DC/DC conversion N-channel 30 V - 0.0032 Ω - 25 A - SO-8 STripFET?/a> III Power MOSFET for DC/DC conversion N-channel 30 V - 0.0032 Ω - 25 A - SO-8 STripFET III Power MOSFET for DC/DC conversion
|
STMicroelectronics
|
FDB7030BLS FDP7030BLS FDB7030BLSL86Z |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 30V N-Channel PowerTrench?SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ 30V N-Channel PowerTrench㈢SyncFET⑩ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDS6670AS08 FDS6670AS |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
FDD6690S |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 40A I(D) | TO-252AA 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor
|
FDB8160 FDB8160-F085 FDB8160F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 80A, 1.8mΩ
|
Fairchild Semiconductor
|
FQPF45N03L |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 29A I(D) | TO-220F 晶体管| MOSFET的| N沟道| 30V的五(巴西)直|9A条(丁)|20F 30V LOGIC N-Channel MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FDS8672S FAIRCHILDSEMICONDUCTORCORP-FDS8672S |
N-Channel PowerTrench㈢ SyncFET⑩ 30V, 18A, 4.8mヘ N-Channel PowerTrench? SyncFET?/a> 30V, 18A, 4.8mΩ
|
Fairchild Semiconductor
|
STB160NF03L 7460 |
N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET POWER MOSFET N-CHANNEL 30V 0.0021 OHM - 160A D2PAK STRIPFET POWER MOSFET From old datasheet system N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFETPOWER MOSFET N沟道30V 0.0021ohm - 160A章采用D2PAK STripFET⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|