PART |
Description |
Maker |
2SC3306 E000824 |
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING/ HIGH SPEED DC-DC CONVERTER APPLICATION) From old datasheet system SWITCHING TEGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
|
Toshiba
|
2SD1631 |
Transistor Silicon NPN Epitaxial Type (PCT process) (Darlington power transistor) Micro Motor Drive Hammer Drive Applications Switching Applicati
|
TOSHIBA
|
FS3UM-18 FS3UM-18A FS4VS-12 FS20SM-6 FS40SM-6 FS3U |
HIGH-SPEED SWITCHING USE 高速开关使 Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric, Corp. Powerex Power Semiconductors MITSUBISHI[Mitsubishi Electric Semiconductor]
|
2SK3748 |
N CHANNEL MOS SILICON TRANSISTOR High-Voltage High-Speed Switching Applications High-Voltage, High-Speed Switching Applications From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
FS50UMJ-3 |
Power MOSFETs: FS Series, Low Voltage, 150V for High-Speed Switching Use Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
KSC2335F KSC2335 |
High Speed/ High Voltage Switching High Speed, High Voltage Switching NPN Epitaxial Silicon Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
SSM6N16FE |
Field Effect Transistor Silicon N Channel MOS Type High Speed Switching Applications Analog Switch Applications High Speed Switching Applications Analog Switching Applications
|
TOSHIBA[Toshiba Semiconductor]
|
2SA1871 2SA1871-GA1-AZ |
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING 进步党三重扩散硅晶体管高速高压开 1 A, 600 V, PNP, Si, POWER TRANSISTOR High-speed high-voltage switching PNP 3-diffusion trans
|
NEC, Corp. NXP Semiconductors N.V. NEC[NEC]
|
2SK2508 SK2508 |
N CHANNEL MOS TYPE (HIGH SPEED/ HIGH VOLTAGE SWITCHING GEGULATOR AND DC-DC CONVERTER AND MOTOR APPLICATIONS) N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING GEGULATOR AND DC-DC CONVERTER AND MOTOR APPLICATIONS) HIGH SPEED HIGH VOLTAGE SWITCHING APPLICATIONS SWITCHING REGULATOR AND DC-DC CONVERTER AND MOTOR APPLICATION 高速,高电压开关应用开关稳压器和DC - DC转换器和电机的应
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|
2SK2608 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
2SC2790 |
SILICON NPN TRIPLE DIFFUSED TYPE SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS HIGH SPEED DC-DC CONVERTER APPLICATION
|
Toshiba Semiconductor
|
2SC4346-Z 2SC4346 |
NPN SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH SPEED SWITCHING, HIGH VOLTAGE SWITCHING
|
NEC[NEC]
|