PART |
Description |
Maker |
RCH875NP-3R5M RCH875NP-2R8M RCH875NP-2R2M RCH875NP |
Power Inductor< Pin Type: RCH Series> 功率电感器“PIN类型:星期五系列 Power Inductor Pin Type: RCH Series Power Inductor< Pin Type: RCH Series> Power Inductor , Pin Type: RCH Series
|
Sumida, Corp. SUMIDA CORPORATION.
|
43045-0224 43045-1225 43045-0826 43045-0825 43045- |
Header; No. of Contacts:2; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin POWER CONNECTOR Header; No. of Contacts:12; Pitch Spacing:3mm; No. of Rows:2; Series:Micro-Fit; Connector Body Material:Polymer; Mounting Type:PC Board; Terminal Type:Straight Pin POWER CONNECTOR MicroFit 3.0 V TH /Clip DR 30Au 8Ckt POWER CONNECTOR Microfit 3.0 Vert PTH /clip DR 15Au 8Ckt POWER CONNECTOR 430450624 POWER CONNECTOR HEADER, MICROFIT 3.0, 8POS POWER CONNECTOR
|
Molex, Inc.
|
DBM1915NP-R40 DBM1915NP-R33 DBM1915NP-R19 DBM1915N |
1 ELEMENT, 0.58 uH, GENERAL PURPOSE INDUCTOR ROHS COMPLIANT POWER INDUCTORS Type: DBM Series POWER INDUCTORS , Pin Type: DBM Series
|
Sumida, Corp. Sumida Corporation
|
RCR-875D RCH8011 RCH-855 RCH-875 RCH-895 |
POWER INDUCTORS
|
SUMIDA[Sumida Corporation]
|
AQW414EHAZ AQW414EH AQW414EHA AQW414EHAX |
General use and economy type. DIP (2 Form B) 8-pin type. Reinforced insulation 5,000V type.
|
PANASONIC[Panasonic Semiconductor]
|
RC865NP-151K RC865NP-121K RC865NP-101K RC-865 RC86 |
Power Inductor , Pin Type: RC Series Power Inductor< Pin Type: RC Series> Power Inductor Pin Type: RC Series
|
Sumida Corporation
|
RCH-4564 RCH-4564NP-2R7M RCH-4564NP-2R2M RCH-4564N |
Power Inductor< Pin Type: RCH Series>
|
SUMIDA CORPORATION.
|
RCH895NP-3R8M RCH895NP-3R2M RCH895NP-2R5M RCH895NP |
Power Inductor Pin Type: RCH Series Power Inductor< Pin Type: RCH Series> Power Inductor , Pin Type: RCH Series
|
SUMIDA CORPORATION.
|
DEP1016NP-5R0PB DEP1016NP-150PB DEP1016NP-100PB DE |
Power Inductor< Pin Type: DEP Series> Power Inductor Pin Type: DEP Series
|
http:// Sumida Corporation
|
PS05-083 |
General Power Transformer Pin Type:EI Series
|
Sumida Corporation
|