PART |
Description |
Maker |
MAX1763 MAX1763EEE MAX1763EUE |
" 1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
AAT1155IKS-1.0-T1 AAT1155IKS-2.5-T1 AAT1155IKS-1.8 |
1MHz 2.5A Step-Down DC/DC Converter 1MHz.5A降压型DC / DC转换
|
Advanced Analogic Technologies, Inc.
|
MAX16909RATE MAX16909RAUE MAX16909RATV MAX16909RAU |
36V, 220kHz to 1MHz Step-Down Converter with Low Operating Current
|
Maxim Integrated Products
|
LTC1539IGWTRPBF LTC1538-AUX-15 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, PDSO36
|
Linear Technology, Corp.
|
MAX1842 MAX1742 |
1A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
|
Maxim
|
MAX1830 MAX1830EEE MAX1830-MAX1831 MAX1831EEE |
"3A, 1MHz, Low-Voltage, Step- Down Regulators with Synchronous Rectification and Internal Switches" 3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches 3A / 1MHz / Low-Voltage / Step-Down Regulators with Synchronous Rectification and Internal Switches
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC1560-1 |
1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter
|
Linear Technology
|
LTC1560-1IS8PBF |
1MHz/500kHz Continuous Time Low Noise, Lowpass Elliptic Filter
|
Linear Technology
|
LTC1433CGNTR LTC1433-15 |
450mA, Low Noise Current Mode Step-Down DC/DC Converter; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 1.2 A SWITCHING REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO16 450mA, Low Noise Current Mode Step-Down DC/DC Converters
|
Linear Technology, Corp.
|
NCP1526 NCP1526MUTXG |
400 mA, 1.2 V, High−Efficiency, Step−Down Converter with Low Noise Voltage Regulator Optimized for RF Module Integrated 3MHz Step-down (Buck) converter and low noise LDO regulator 400 mA, 1.2 V, High?Efficiency, Step?Down Converter with Low Noise Voltage Regulator Optimized for RF Module
|
ONSEMI[ON Semiconductor]
|
LT1170CQPBF LT1172CQPBF LT1172CS8PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX1765 MAX1765EUE MAX1765EEE |
800mA / Low-Noise / Step-Up DC-DC Converter with 500mA Linear Regulator "800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator" From old datasheet system
|
MAXIM[Maxim Integrated Products]
|