PART |
Description |
Maker |
EMC2301-1-ACZL-TR EMC2301 |
RPM-Based PWM Fan Controller
|
SMSC Corporation
|
EMC2305-1-AP-TR |
Multiple RPM-Based PWM Fan Controller for Five Fans
|
SMSC Corporation
|
EMC2106 |
Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
|
SMSC Corporation
|
EMC2113-1-AP-TR |
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
|
SMSC Corporation
|
ADM1033 ADM1033ARQZ-REEL7 ADM1033ARQ ADM1033ARQ-RE |
Thermal Monitor and RPM Fan Controller Thermal Monitor and Fan Speed (RPM) Controller
|
AD[Analog Devices]
|
TC642B TC646B TC649B TC648B TC647B |
The TC642B is a new version of the existing TC642 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC646B is a new version of the existing TC646 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC649B is a new version of the existing TC649 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC648B is a new version of the existing TC648 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul The TC647B is a new version of the existing TC647 fan speed controller. This device is a switch mode fan speed controller, which incorporates a new fan auto restart function. Temperature proportional speed control is accomplished using pul
|
Microchip
|
TC654 TC654EUN TC655 TC655EUN |
The TC655 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li The TC654 is a dual PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan li Dual SMBus PWM Fan Speed Controllers With Fan Fault Detection Dual SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
TC652 TC653 TC652GAVUA TC653GAVUA TC652CAVUA TC653 |
Integrated Temperature Sensor & Brushless DC Fan Controller Integrated Temperature Sensor & Brushless DC Fan Controller with FanSenseB>Detect & Over-Temperature From old datasheet system Integrated Temperature Sensor & Brushless DC Fan Controller with FanSenseDetect & Over-Temperature Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense⑩Detect & Over-Temperature
|
Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
ADT7460 |
dB COOL Remote Thermal Controller and Fan Controller dBCOOL Thermal Management Controller and Voltage Monitor
|
Analog Devices, Inc.
|
AH289-YL-B |
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER BRUSHLESS DC MOTOR CONTROLLER, 0.7 A, PDSO5
|
Diodes, Inc.
|
AH285-YL-7 AH285-YL-13 AH285-YL-B AH285-Y AH285 |
HALL-EFFECT SMART FAN MOTOR CONTROLLER BRUSHLESS DC MOTOR CONTROLLER, 0.7 A, PDSO5
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
PT2127A PT2127A-M80 PT2127A-M80S PT2127A-M81 PT212 |
Fan Controller IC
|
Princeton Technology Corporation
|