PART |
Description |
Maker |
8404-471 8404-470 8404-150 8404-151 8404-XXX 8404- |
Inductors Surface Mount Drum Core Power Inductors 鼓表面贴装电感磁芯功率电感器
|
Filtran Ltd. Filtran, Ltd.
|
8405-681 8405-680 8405-68G 8405-XXX 8405-33G 8405- |
Inductors Surface Mount Drum Core Power Inductors 鼓表面贴装电感磁芯功率电感器
|
Filtran Ltd. Filtran, Ltd.
|
8403-330 8403-331 8403-XXX 8403-150 8403-471 8403- |
Inductors Surface Mount Drum Core Power Inductors
|
Filtran Ltd.
|
DT1608C-682 DT1608C-472 DT1608C-473 DT1608C-154 DT |
WIRE, 30AWG, RED, KYNAR WIRE 30 AWG BLU KYNAR TV 6C 6#8(TWINAX) SKT RECP SMT Power Inductors DT1608 Series SMT Power Inductors ? DT1608 Series SMT Power Inductors - DT1608 Series
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC]
|
XAL1060-472ME XAL1060-122ME XAL1060-181ME XAL1060- |
High Temperature Shielded Power Inductors Shielded Power Inductors ?XAL1060
|
Coilcraft lnc.
|
RCR664DNP-3R9M RCR664DNP-3R3M RCR664DNP-2R7M RCR-6 |
1 ELEMENT, 5.6 uH, GENERAL PURPOSE INDUCTOR ROHS COMPLIANT POWER INDUCTORS , Pin Type: RCR Series POWER INDUCTORS < Pin Type: RCR Series> POWER INDUCTORS Pin Type: RCR Series POWER INDUCTORS < Pin Type: RCR Series> 1 ELEMENT, 3.9 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS < Pin Type: RCR Series> 1 ELEMENT, 3.3 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS < Pin Type: RCR Series> 1 ELEMENT, 2.7 uH, GENERAL PURPOSE INDUCTOR POWER INDUCTORS < Pin Type: RCR Series> 功率电感“PIN类型:组RCR系列
|
Sumida Corporation Sumida, Corp.
|
LPS3015-182MLB LPS3015-182MLD LPS3015-183MLB LPS30 |
Shielded Power Inductors LPS3015 Very low DCR; excellent current handling, Miniature 3.0 × 3.0 mm footprint; less than 1.5 mm tall Shielded Power Inductors LPS3015
|
Coilcraft lnc.
|
NPI16W NPI16W101MTRF NPI16W150MTRF NPI16W1R0MTRF N |
HIGH CURRENT, SMALL SIZE (UP TO 8.6 AMPS) NPI Power Inductors NPI Power Inductors
|
List of Unclassifed Manufacturers NIC-Components Corp.
|
ASPC60-102K-RC ASPC60-251K-RC ASPC60-501K-RC |
Power Shielded Inductors 1 ELEMENT, 250 uH, GENERAL PURPOSE INDUCTOR Power Shielded Inductors
|
BRIGHT LED ELECTRONICS CORP ALLIED COMPONENTS INTERNATIONAL Allied Components Inter...
|
SDR0503-153JL |
SMD Power Inductors SDR0503 Series - SMD Power Inductors
|
Bourns Electronic Solutions
|
P578 PE-51687NL PE-51686 PE-51719 PE-51718 PE-5171 |
VDE Approved Designed for switching power supply applications Transformer meets IEC950 insulation requirements THT CURRENT SENSE TRANSFORMERS & INDUCTORS THT CURRENT SENSE TRANSFORMERS INDUCTORS THT CURRENT SENSE TRANSFORMERS INDUCTORS
|
Pulse A Technitrol Company Pulse A Technitrol Comp...
|