PART |
Description |
Maker |
1301.9304 |
SWITCH, PCB PUSH 7.3MMSWITCH, PCB PUSH 7.3MM; Switch function type:Momentary; Voltage, contact DC max:12V dc; Temp, op. max:60(degree C); Temp, op. min:-10(degree C); Diameter, panel cut-out:3.3mm; Length / Height, external:3.5mm;
|
SCHURTER INC
|
CAS113 |
11.55×3.3mm Max.(L×W),3.55mm Max. Height 11.55】3.3mm Max.(L】W),3.55mm Max. Height
|
Sumida Corporation
|
0961024033SPD050 0961024026SPD051 0961024028SPD055 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits DREHPOTENTIOMETER DRAHT LIN 6.3MM 2K5 1W DREHPOTENTIOMETER DRAHT LIN 6.3MM 50R 1W DREHPOTENTIOMETER DRAHT LIN6.3MM 100R 1W DREHPOTENTIOMETER DRAHT LIN6.3MM 250R 1W DREHPOTENTIOMETER DRAHT LIN6.3MM 500R 1W DREHPOTENTIOMETER DRAHT LIN 6.3MM 25K 1W DREHPOTENTIOMETER DRAHT LIN 6.3MM 1K 1W DREHPOTENTIOMETER DRAHT LIN 6.3MM 50K 1W DREHPOTENTIOMETER金属丝林6.3毫米50KW
|
SIEMENS AG
|
LT3652EDDPBF |
Power Tracking 2A Battery Charger for Solar Power, LFHT, 12-Lead Plastic DFN 3mm × 3mm, Temperature Range: –40°C to 125°C 3 A BATTERY CHARGE CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO12
|
Linear Technology, Corp.
|
LT3471EDDPBF |
Dual 1.3A, 1.2MHz Boost/Inverter in 3mm × 3mm DFN; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 2.6 A DUAL SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
HL01R05S15Y HL01R05S15Y/H HL01R12D05Y HL01R12D05Y/ |
0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1170-9 00; No. of Positions: 80; Stack Height (mm): 0.9; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1293-9 00; No. of Positions: 40; Operating Temperature Range (degrees C): -35 to 85; General Description: Only Insulation housing 0.4mm contact spacing, 0.9mm stacking height PCB to PCB, PCB to FPC connectors; HRS No: 684-1274-4 81; Contact Mating Area Plating: Gold 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1011-0 00; No. of Positions: 4; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Double row retainer 模拟IC Analog IC 模拟IC 3.3mm contact spacing internal power supply small connectors; HRS No: 676-1030-5 00; No. of Positions: 6; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Single row retainer
|
SCHURTER AG Electronic Theatre Controls, Inc.
|
WP7104PGD |
Zener Diode; Application: General; Pd (mW): 200; Vz (V): 6.86 to 7.14; Condition Iz at Vz (mA): 5; C (pF) max: -; Condition VR at C (V): ESD (kV) min: -; Package: MPAK T-1 (3mm) SOLID STATE LAMP
|
Kingbright Corporation.
|
LTC3670 LTC3670EDDB-PBF LTC3670EDDB-TRPBF LTC3670E |
Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm × 2mm DFN Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 】 2mm DFN Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm × 2mm DFN; Package: DFN; No of Pins: 12; Temperature Range: -40°C to 125°C 1.1 A SWITCHING REGULATOR, 2590 kHz SWITCHING FREQ-MAX, PDSO12
|
Linear Technology, Corp.
|
MAX1558 MAX1558ETB MAX1558HETB |
Dual, 3mm x 3mm, 1.2A/Programmable-Current USB Switches with Autoreset
|
Maxim Integrated Products, Inc.
|
SC1564-1.5EVB SC1564ML-1.5TRT |
Low Dropout 600mA Linear Regulator in 3mm x 3mm Package
|
Semtech Corporation http://
|
MAX8586 |
Single 1.2A USB Switch in 3mm x 3mm TDFN From old datasheet system
|
Maxim
|