PART |
Description |
Maker |
P8SG-247R2EH30 P8SG-0505EH30 P8SG-1205EH30 P8SG-12 |
Input voltage:24V, output voltage 7.2V (200mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 3千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
P8SG-XXXXZM P8SG-0505ZM P8SG-053R6ZM P8SG-1205ZM P |
Input voltage:5V, output voltage /-3.6V ( /-200mA), 1KV isolated 1.5W regulated dual output 1 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 1千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P6CG-124R8E P6CG-054R8E P6CG-244R8E P6CG-0512E P6C |
Input voltage:12V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 4.85V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:24V, output voltage 3.3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 3V (200mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:5V, output voltage 9V (150mA), 1KV isolated 0.6-1.5W regulated single output Input voltage:12V, output voltage 12V (100mA), 1KV isolated 0.6-1.5W regulated single output
|
PEAK electronics
|
PEN3-4815Z21 PEN3-1205Z21 PEN3-1212Z21 PEN3-1215Z2 |
PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3 - XXXXZ2 1.5千伏隔震2 - 3瓦稳压双输出DIP24 PEN3-XXXXZ2:1 1.5 KV ISOLATED 2 - 3 W REGULATED DUAL OUTPUT DIP24 PEN3 - XXXXZ21 1.5千伏隔震2 - 3瓦稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
DCM3414X50M06A8YZZ |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414V50M13C2T01 DCM3414B50M13C2C01 DCM3414B50M1 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T75H53C2M00 DCM3623T75H53C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M31C2T00 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
P26TG-4815E41M P26TG-2405E41M P26TG-2412E41M P26TG |
1.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|