PART |
Description |
Maker |
P8SG-247R2EM P8SG-0505EM P8SG-1205EM P8SG-1212EM P |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PZ8GG-1515EH30 PZ8GG-0505EH30 PZ8GG-0512EH30 PZ8GG |
Input voltage:15V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 15V (100mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 12V (125mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output Input voltage:15V, output voltage 5V (300mA), 3KV isolated 1.5W regulated single output PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12 PZ8GgxxxxEH30 3 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT SIP12
|
PEAK[PEAK electronics GmbH]
|
DCM3623TA5N06A2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623T50M04A2T70 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623X50M06A8YZZ DCM3623X50M06A8YZZ-17 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
MDCM30AP480M160A50 MDCM50P480M160A50 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3623X36G06A8YZZ |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
DCM3414T75H31C2T01 DCM3414T75H31C2T05 DCM3414T75H3 |
Isolated, Regulated DC Converter
|
Vicor Corporation
|
WRN7805-1500B WRN786.5-1500 WRN786.5-1500B WRN78XX |
WIDEINPUTNON-ISOLATED & REGULATED SINGLEOUTPUT
|
Microdc power Technology Co., Ltd
|
FDC20-12T0512 FDC20-12T0515 FDC20-24T0512 FDC20-48 |
Isolated and Regulated 20 WATT Modular DC/DC Converters 1-OUTPUT 13.2 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 1-OUTPUT 19.95 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 3-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 2-OUTPUT 10 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 2-OUTPUT 9.99 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 2-OUTPUT 9.996 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 1-OUTPUT 20 W DC-DC REG PWR SUPPLY MODULE Isolated and Regulated 20 WATT Modular DC/DC Converters 3-OUTPUT 9.9 W DC-DC REG PWR SUPPLY MODULE
|
Astrodyne, Inc. ASTRODYNE INC
|
P26TG-4815E41H35 P26TG-2405E41H35 P26TG-2412E41H35 |
3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|
P26TG-4815E41H35M P26TG-2405E41H35M P26TG-2412E41H |
3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
|
PEAK[PEAK electronics GmbH]
|