PART |
Description |
Maker |
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
EVAL-ADG936EB ADG936 ADG936BCP ADG936BCP-500RL7 AD |
Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT 宽带4千兆赫,36千兆赫的CMOS 1.65 V分贝.75 V的隔离,双路SPDT Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, QCC20
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
CXG1027TM |
Two-Stage Driver Amplifier For 800 MHz and 1.5 GHz PDC(800 MHz and 1.5 GHz PDC双阶驱动器放大器)
|
Sony Corporation
|
PB-CMM0511-QT-0000 CMM0511-QT-0G0T CMM0511-QT-0G00 |
5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier 5.0-14.0 GHz的砷化镓微波单片集成电路封装驱动放大 5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier 5000 MHz - 14000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
Mimix Broadband, Inc. ATM Electronic, Corp.
|
AD8361ARMZ-REEL AD8361ARMZ-REEL7 AD8361-EVAL AD836 |
LF to 2.5 GHz TruPwr?/a> Detector LF to 2.5 GHz TruPwr Detector 2.5 GHz TruPwr™ Detector SPECIALTY ANALOG CIRCUIT, PDSO8 LF to 2.5 GHz TruPwr?Detector
|
Analog Devices, Inc.
|
11691D 11692D |
11691D Coaxial Directional Coupler, 2 GHz to 18 GHz 11692D Coaxial Dual-Directional Coupler, 2 GHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
ADG936 ADG936-R |
Wideband 4 GHz 36 dB Isolation at 1 GHz CMOS 1.65V to 2.75V Dual SPDT
|
Analog Devices
|
PE-W90SF005-24 |
WR-90 Seamless Flexible Waveguide, UG-39/U Square Cover Flange Operating From 8.2 GHz to 12.4 GHz
|
Pasternack Enterprises,...
|