PART |
Description |
Maker |
74AUP1G373GF 74AUP1G373GN |
Low-power D-type transparent latch; 3-state 低功D型透明锁存器;3 Low-power D-type transparent latch; 3-state AUP/ULP/V SERIES, POSITIVE EDGE TRIGGERED D LATCH, TRUE OUTPUT, PDSO6
|
NXP Semiconductors N.V.
|
IS61S6432-117TQI IS61S6432-117TQ IS61S6432-117PQI |
Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP -40 to 85 Octal D-Type Transparent Latches With 3-State Outputs 20-SSOP -40 to 85 Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 64K x 32 SYNCHRONOUS PIPELINE STATIC RAM
|
SRAM Integrated Silicon Solution Inc Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] ISSI[Integrated Silicon Solution Inc]
|
IS61SP25616 IS61SP25618-5TQ IS61SP25618-5B IS61SP2 |
Octal Transparent D-Type Latches With 3-State Outputs 20-SOIC -40 to 85 256K X 18 CACHE SRAM, 5 ns, PBGA119 Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 256K X 18 CACHE SRAM, 4 ns, PQFP100 256K x 16, 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM 256K X 16 CACHE SRAM, 4 ns, PBGA119 Octal Transparent D-Type Latches With 3-State Outputs 20-PDIP -40 to 85 256K X 18 CACHE SRAM, 5 ns, PQFP100 Octal Transparent D-Type Latches With 3-State Outputs 20-SOIC -40 to 85 256K X 18 CACHE SRAM, 3.5 ns, PBGA119 ACB 7C 7#16S PIN RECP LINE Octal D-Type Edge-Triggered Flip-Flops with 3-State Outputs 20-TSSOP -40 to 85 256K x 16 256K x 18 SYNCHRONOUS PIPELINED STATIC RAM
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution Inc] ISSI[Integrated Silicon Solution, Inc]
|
74LVC573ABQ |
Octal D-type transparent latch with 5 V tolerant inputs-outputs; 3-state LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PQCC20 74LVC573A; Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
|
NXP Semiconductors N.V. Philips
|
74LV573 74LV573D 74LV573DB 74LV573N 74LV573PW 74LV |
From old datasheet system Octal D-type transparent latch (3-State) Octal D-type transparent latch 3-State
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74ALVC373 74ALVC373PW 74ALVC373D |
Octal D-type transparent latch 3-state Octal D-type transparent latch;
|
PHILIPS[Philips Semiconductors]
|
74ALVC573PW 74ALVC573 74ALVC573BQ 74ALVC573D |
74ALVC573; Octal D-type transparent latch; 3-state Octal D-type transparent latch 3-state
|
PHILIPS[Philips Semiconductors]
|
HD74HC373 HD74HC533 |
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
74LCX16841 74LCX16841MTD 74LCX16841MEA 74LCX16841M |
Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs 10-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74LCXH16373 74LCXH16373MTD 74LCXH16373GX 74LCXH163 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system 8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
U74HC373 U74HC373G-P20-R |
OCTAL D-TYPE TRANSPARENT LATCH
|
Unisonic Technologies
|
54LVTH162373RPFS 54LVTH162373 54LVTH162373RPFB 54L |
3.3V 16-Bit Transparent D-Type Latches
|
MAXWELL[Maxwell Technologies]
|