PART |
Description |
Maker |
SI-8501LE SI-8502LE SI-8503LE SI-8504LE SI-8505LE |
Separate Excitation Switching Regulator with Coil(12V带线圈分激开关稳压器) 1 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, DSS5 Separate Excitation Switching Regulator with Coil(3.3V带线圈分激开关稳压器) Separate Excitation Switching Regulator with Coil(5V带线圈分激开关稳压器) Switching Regulator IC with Coil
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd.
|
LTC1430ISPBF LTC1430-15 |
High Power Step-Down Switching Regulator Controller Isolated Flyback Switching Regulator with 9V Output SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
SIC402A SIC402ACD-T1-GE3 SIC402BCD SIC402BCD-T1-GE |
10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO IC SWITCHING REGULATOR, Switching Regulator or Controller
|
Vishay Siliconix
|
LT1424CN8-9PBF LT1424-9-15 |
Isolated Flyback Switching Regulator with 9V Output 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp.
|
LT1370HVCRTRPBF |
Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
MC33363BDWG |
High Voltage Switching Regulator 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO16
|
ON Semiconductor
|
LT1959 LT1959C LT1959IRPBF |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 0; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
LT3481IMSEPBF LT3481HMSETRPBF |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
LM2575T-15G LM2575D2T-5 LM2575T-12 |
Isolated Flyback Switching Regulator with 9V Output 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSFM5
|
ON Semiconductor Motorola Mobility Holdings, Inc.
|
2SK2608 |
Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出 N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
LM2575-12 LM2575-12BN LM2575-12BT LM2575-12BU LM25 |
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator(固定频率52kHz 输出电流 1A 可调转换电压步降稳压 52kHz简A降压稳压器(固定频率52kHz输出电流1A条可调转换电压步降稳压器 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP16 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 14-PDIP 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO24 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, SFM5 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 8-PDIP 52kHz Simple 1A Buck Regulator(固定频率B>52kHz 输出电流 1A 可调转换电压步降稳压
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|