PART |
Description |
Maker |
28C17A-25/P 28C17A-25/L 28C17A-25I/L 28C17A-25I/P |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 128Kx8 EEPROM 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs x8的EEPROM
|
Microchip Technology, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MAX5812 MAX5812LEUT MAX5812MEUT MAX5812NEUT MAX581 |
From old datasheet system Digital to Analog Converter - Datasheet Reference "12-Bit Low-Power, 2-Wire, Serial Voltage- Output DAC" 12-Bit Low-Power, 2-Wire, Serial Voltage-Output DAC 12-bit, low-power, 2-wire interface, serial, voltage-output DAC
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products]
|
P80C51 P80C51FA-4A P80C51FA-4B P80C51FA-4N P80C51F |
8-bit CMOS (low voltage, low power and high speed) microcontroller families 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz 80C51 8-bit microcontroller family 8K.64K/256.1K OTP/ROM/ROMless, low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FMP3217BAX-FXXX FMP3217BAX-GXXX FMP3217BAX-H60E FM |
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
TC7WPB9306FC TC7WPB9306FK TC7WPB9307FC |
Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
TC7SPB9306TU TC7SPB9307TU |
Low Voltage / Low Power 1-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
K6T2008U2A K6T2008U2A-B K6T2008U2A-F K6T2008U2A-FF |
256Kx8 bit Low Power and Low Voltage CMOS Static RAM
|
Samsung semiconductor
|
FMP1617CC0-FXXX FMP1617CC0-G60E FMP1617CC0-G70E FM |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
http:// FIDELIX
|
TC7MPS3125FTG |
Low Voltage/Low Power 13-Bit Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|