PART |
Description |
Maker |
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
74VHCT541A 6535 74VHCT541AM 74VHCT41AT -74VHCT541A |
Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 八路总线缓冲器与三态输出的非反 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
74LVX16240TTR 74LVX16240 |
LV/LV-A/LVX/H SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED), 5V TOLERANT INPUTS 16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED), 5V TOLERANT INPUTS
|
STMicroelectronics ST Microelectronics
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74VHCT244A 74VHCT244AM 74VHCT244AT 6528 |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMICROELECTRONICS[STMicroelectronics]
|
74ACT541 74ACT541B 6363 74ACT541M |
From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics]
|
74LCX240TTR 74LCX240 74LCX240M 74LCX240MTR |
LOW VOLTAGE CMOS OCTAL BUS BUFFER (INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV) WITH 5V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
TC7MET540AFK07 TC7MET540AFK TC7MET541AFK |
Octal Bus Buffer
|
Toshiba Semiconductor
|
TC74VHC541FK TC74VHC540F07 TC74VHC540FK |
Octal Bus Buffer
|
Toshiba Semiconductor
|
TC74VHCT540AF07 TC74VHCT541AFK TC74VHCT540AFK |
Octal Bus Buffer
|
Toshiba Semiconductor
|
TC74ACT240F TC74ACT240FT TC74ACT240FW TC74ACT240P |
OCTAL BUS BUFFER
|
TOSHIBA[Toshiba Semiconductor]
|
TC74VHCT540AF TC74VHCT540AFT TC74VHCT540AFW TC74VH |
From old datasheet system OCTAL BUS BUFFER. INVERTED/NON INVERTED 3-STATE OUTPUTS OCTAL BUS BUFFER. INVERTED/NON INVERTED, 3-STATE OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|