PART |
Description |
Maker |
TS391CL-AF5-R TS391-AF5-R TS391BL-AL5-R TS391CL-AL |
LOW POWER SINGLE VOLTAGE COMPARATOR COMPARATOR, 9000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO5
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
UA111 UA311 |
Voltage Comparator Single Comparator
|
Fairchild Semiconductor
|
AD53032 AD53032JSTP |
Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Performance Driver/Comparator Active Load on a Single Chip DRIVER/COMPARATOR/LOAD: A Single Chip that Performs the Pin Electronics Functions of Driver, Comparator and Active Load in ATE VLSI and Memory Testers
|
Analog Devices, Inc. AD[Analog Devices]
|
IS-139ASRH |
Quad Voltage Comparator, Single/Dual Supply 9-30V, Single Event Rad-Hard 300k
|
Intersil
|
LTC1440CDDTRPBF LTC1440CDDPBF LTC1440IDDTRPBF LTC1 |
Ultralow Power Single/Dual Comparator with Reference; Package: DD PAK; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 10000 uV OFFSET-MAX, 14000 ns RESPONSE TIME, PDSO8 Ultralow Power Single/Dual Comparator with Reference; Package: DD PAK; No of Pins: 8; Temperature Range: -40°C to 85°C COMPARATOR, 10000 uV OFFSET-MAX, 14000 ns RESPONSE TIME, PDSO8 Ultralow Power Single/Dual Comparator with Reference; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL COMPARATOR, 10000 uV OFFSET-MAX, 5000 ns RESPONSE TIME, PDIP8 Ultralow Power Single/Dual Comparator with Reference; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LM710I |
Single High Speed Voltage Comparator(单通道高速电压比较器) Single High Speed Voltage Comparator(????????????杈??)
|
Fairchild Semiconductor Corporation
|
KA311DTF |
Single Comparator
|
Fairchild Semiconductor Corporation
|
NJM2406F NJM2406 |
SINGLE COMPARATOR
|
New Japan Radio
|
TA7523S TA7523 |
SINGLE COMPARATOR
|
TOSHIBA[Toshiba Semiconductor]
|
AS111PCP10_883C AS111PCP10_SPACE AS111PCP10_XT AS1 |
Voltage Comparator COMPARATOR, 3000 uV OFFSET-MAX, MBCY8 METAL CAN, TO-99, 8 PIN COMPARATOR, 3000 uV OFFSET-MAX, CDSO10 CERAMIC, DFP-10 COMPARATOR, 3000 uV OFFSET-MAX, CDFP10 CERAMIC, DFP-10 COMPARATOR, 3000 uV OFFSET-MAX, CDIP8 CERAMIC, DIP-8
|
Austin Semiconductor, Inc
|
LT1719IS6TR LT1719CS6TR LT1719CS6TRMPBF LT1719IS8P |
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C COMPARATOR, 3500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C COMPARATOR, 3500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO6 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C COMPARATOR, 3500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO6
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|