PART |
Description |
Maker |
LT1116 LT1116C LT1116CN8 LT1116CS8 |
12ns,Single Supply Ground-Sensing Comparator(12ns,单电源接地感应比较器) From old datasheet system 12ns, Single Supply Ground-Sensiing Comparator 12ns/ Single Supply Ground-Sensiing Comparator 4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies
|
Linear Technology Corporation LINER[Linear Technology]
|
AD96685BR-REEL |
Ultra Fast ECL Single Comparator COMPARATOR, 3000 uV OFFSET-MAX, PDSO16
|
Analog Devices, Inc.
|
MAX9051AESA MAX9051AEUT-T MAX9041 MAX9041AESA MAX9 |
Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs COMPARATOR, 7000 uV OFFSET-MAX, 450 ns RESPONSE TIME, PDSO8
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
TC1026CEUA TC1026 TC1026CEOA TC1026CEPA TC1026CEOA |
The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. ... The TC1026 is a mixed-function device combining a general-purpose op amp, comparator, and voltage reference in a single 8-Pin package. This increased integration allows the user to replace two or three packages, which saves space, lowers s Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
|
MICROCHIP[Microchip Technology]
|
TC1028 |
The TC1028 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T
|
Microchip
|
LM710I |
Single High Speed Voltage Comparator(单通道高速电压比较器) Single High Speed Voltage Comparator(????????????杈??)
|
Fairchild Semiconductor Corporation
|
MAX9000 MAX9000ESA MAX9000EUA MAX9001 MAX9001ESD M |
Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs Low-Power, High-Speed, Single-Supply Op Amp Comparator Reference ICs "Low-Power, 1.25MHz Op Amp Comparator Reference IC with Shutdown" Low-Power High-Speed Single-Supply Op Amp Comparator Reference ICs
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
NJM2406F NJM2406 |
SINGLE COMPARATOR
|
New Japan Radio
|
TC75S58F07 |
Single Comparator
|
Toshiba Semiconductor
|
TC75S59FE |
Single Comparator
|
TOSHIBA
|
M5239L M5239 |
SINGLE COMPARATOR
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
LT1719IS6TR LT1719CS6TR LT1719CS6TRMPBF LT1719IS8P |
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C COMPARATOR, 3500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO8 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C COMPARATOR, 3500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO6 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C COMPARATOR, 3500 uV OFFSET-MAX, 7 ns RESPONSE TIME, PDSO6
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|