PART |
Description |
Maker |
3885 M38851F3-HP M38850F3-HP M38851F1-HP M38850F1- |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 5-SOT-23 -40 to 125 CAP 680PF 50V 10% X7R SMD-0402 TR-13 PLATED-NI/SN Single 2.7-V High Slew Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 PLCC Socket; Number of Contacts:32; Terminal Type:PCB Surface Mount; Contact Plating:Tin Over Nickel; Mounting Type:Surface Mount ACCU-F/P CRYSTAL, SM, CX-49G, 8MHZ; Frequency, output:8000kHz; Accuracy: /-50ppm; Temperature, operating range:-10(degree C) to 70(degree C); Capacitance, load:12pF; Crystal case type:10.8 x 4.5; Series:CX49GFWB; Temperature RoHS Compliant: Yes Automotive Catalog 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier With Shutdown 5-SOT-23 -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-PDIP -40 to 125 Dual 2.7-V High-Slew-Rate Rail-to-Rail Output Operational Amplifier 8-SOIC -40 to 125 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-MSOP 0 to 70 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-TSSOP -40 to 125 单芯位CMOS微机 Dual 2.7-V High Slew Rate Rail-To-Rail Output Operational Amplifier 8-SOIC
|
Renesas Electronics Corporation. Renesas Electronics, Corp. http://
|
HA17080APS HA17080PS HA17082APS HA17082PS HA17083A |
J-FET single operational amplifier J-FET dual operational amplifier J-FET quad operational amplifier
|
Hitachi Semiconductor
|
OMA541SKC OMA541SD OMA541SDZ OMA541SK OMA541SDZB O |
HIGH POWER / HIGH CURRENT OPERATIONAL AMPLIFIER HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER Single Hi-Rel Operational Amplifier in a D-8Z package Single Hi-Rel Operational Amplifier in a TO-3-8 package
|
ETC[ETC] International Rectifier
|
BA3131FS BA3131 |
Dual operational amplifier with switch, for audio use (3 inputs × 1 output × 2) ER 14C 14#16 PIN PLUG Dual operational amplifier with switch/ for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 1 output 2) Dual operational amplifier with switch, for audio use (3 inputs 】 1 output 】 2) Standard Linear LSIs > Operational amplifier > Operational amplifier with input multiplexer
|
Rohm CO.,LTD. ROHM[Rohm]
|
OP162DRU OP262 OP262DRU OP462 OP462DRU OP462HRU OP |
15 MHz Rail-to-Rail Operational Amplifier, Quad 15 MHz Rail-to-Rail Operational Amplifier, Dual 15 MHz Rail-to-Rail Operational Amplifier, Single 15 MHZ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
|
AD[Analog Devices]
|
HDM8515P |
Operational Amplifier (Op-Amp) IC; Number of Amplifiers:4; Package/Case:14-DIP; Op Amp Type:Low Power; Single Supply Voltage Min ( V):3V; Dual Supply Voltage Max ( /- V):16V; Amplifier Type:Operational; Mounting Type:Through Hole 的DVB /决策支持系统兼容接收
|
Hynix Semiconductor, Inc.
|
TA75254P |
SINGLE OPERATIONAL AMPLIFIER
|
TOSHIBA
|
TC75S54F |
Single Operational Amplifier(浣??婧?????浣??婧??娴??杩???惧ぇ??
|
Toshiba Corporation
|
NJM2107 NJM2107F |
SINGLE OPERATIONAL AMPLIFIER
|
NJRC[New Japan Radio]
|
HA17741PS |
Single operational amplifier
|
Hitachi Semiconductor
|
HA17741 |
Single operational amplifier
|
Hitachi Semiconductor
|
UPC815C UPC815C1 UPC816 |
Single operational amplifier
|
NEC
|