PART |
Description |
Maker |
CD4060BMS FN3317 |
CMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator(CMOS 14行波进位十进制计数器/除法振荡 From old datasheet system Couter/Divider, 14-Stage, Binary Ripple Carry, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
TC74VHC4040FK12 TC74VHC4040FT12 TC74VHC4040F12 |
12-Stage Ripple Carry Binary Counter
|
Toshiba Semiconductor
|
CD4020BCM CD4060BC CD4040BC CD4060BCN CD4020BC CD4 |
14-Stage Ripple Carry Binary Counters . 12-Stage Ripple Carry Binary Counters . 14-Stage Ripple Carry Binary Counters
|
FAIRCHILD[Fairchild Semiconductor]
|
TC7MH4040FK |
12-Stage Ripple-Carry Binary Counter
|
Toshiba
|
CD4060BCNNL |
14-Stage Ripple Carry Binary Counters 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 14-BIT UP BINARY COUNTER, PDIP16
|
Fairchild Semiconductor, Corp.
|
IW4020B IW4020BD |
14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
KK4020BN KK4020BD |
14 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
KK4024B |
7 Stage Ripple-Carry Binary Counter/Divider High-Voltage Silicon-Gate CMOS
|
KODENSHI KOREA
|
KK4060B KK4060BD KK4060BN |
14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
UM236 UM234 UM213 UM238M UM241 UM221M UM202 UM203 |
12 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS Synchronous presettable 4-bit counter OCTAL COUNTER WITH 8 DECODED OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED 7 SEGMENT DISPLAY OUTPUTS 4 bit synchronous up/down counters Quad exclusive NOR gate Low cost field programmable microcontroller peripherals DIFFERENTIAL 4 CHANNLE ANALOG MULTIPLEXER DEMULTIPLEXER N-CHANNEL 600V 0.85 Ohm 7A TO-220/TO-220FP POWERMESH II MOSFET Octal bus buffer with 3 state outputs (non inverted) Octal bus buffer with 3 state outputs (not inverted) Octal bus buffer with with 3 state outputs (non inverted) 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface QUAD 2 INPUT AND GATE 5 bit programmable dual-phase controller 5 bit programmable step down controller with synchronous rectification Quad 2 channel multiplexer (inv.) 12 stage binary counter High-voltage high and low side driver
|
|
PC74HCT4017 74HCT4049 PC74HCT4049 PC74HCT4075 PC74 |
16-Channel Analog Multiplexer / Demultiplexer Dual 4-Bit Serial-In / Parallel-Out Shift Register BCD Up/Down Counter Dual Synchronous BCD Counter Dual 4-Channel Analog Multiplexer / Demultiplexer 14-Stage Binary Ripple Counter Programmable Divide by N Counter Phase Locked Loop 8-Stage Shify and Store Bus Register 8-Channel Analog Multiplexer / Demultiplexer 4-to-16 line decoder/demultiplexer with input latches inverting 4-to-16 Line Decoder / Demultiplexer BCD 7-Segment Latch / Decoder / Driver 7-Stage Binary Ripple Counter Hex High to Low Level Shifter BCD to 7-Segment Latch / Decoder / Driver Triple 3-Input OR Gate Hex Inverting High to Low Level Shifter Johnson Decade Counter Quad Bilateral Switches 12-Stage Binary Ripple Counter Dual 4-Bit Synchronous Binary Counter
|
NXP Philips Semiconductors
|