PART |
Description |
Maker |
74ALVCF322835 74ALVCF322835G 74ALVCF322835GX |
BUFFER/DRIVER|DUAL|18-BIT|AVC/ALVC-CMOS|BGA|114PIN|PLASTIC ALVC/VCX/A SERIES, DUAL 18-BIT DRIVER, TRUE OUTPUT, PBGA114 Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26з Series Resistors in Outputs 低电6位通用总线输出.6V的容错和26з电阻的输出驱动器系列 Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26 Series Resistors in Outputs Low Voltage 36-Bit Universal Bus Driver with 3.6V Tolerant Outputs and 26-Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
P6KE P6KE39 P6KE39A P6KE180CA P6KE20C P6KE20CA P6K |
Single Output LDO, 200mA, Fixed(1.9V), Low Quiescent Current, Low Noise, High PSRR 5-DSBGA -40 to 85 Single Output LDO, 200mA, Fixed(2.5V), Low Quiescent Current, Low Noise, High PSRR 5-SOT -40 to 85 16-Bit Bus Transceivers with Bus-Hold and 3-State Outputs 48-TSSOP -40 to 85 16-Bit Buffers/Drivers with Bus-Hold and 3-State Outputs 48-SSOP -40 to 85 16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts 玻璃钝化结瞬态电压抑制电压为440伏特.8 Quadruple 2-Input Multiplexers with Storage 16-SSOP/QSOP -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Synchronous 4-Bit Binary Counter 16-SOIC -40 to 85 玻璃钝化结瞬态电压抑制电压为440伏特.8 Single Output LDO, 1.0A, Fixed(2.5V), Low Noise, High PSRR 5-DDPAK/TO-263 玻璃钝化结瞬态电压抑制电压为440伏特.8
|
SURGE[Surge Components] Surge Components, Inc.
|
TC7MPB9307FK TC7MPB9307FT |
P SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Low Voltage/Low Power 8-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
TC7MPN3245FTG |
Low Voltage/Low Power 4-Bit 】 2 Dual Supply Bus Transceiver
|
Toshiba Semiconductor
|
TC7SPN3125TU |
Low Voltage/Low Power 1-Bit Dual Supply Bus Buffer
|
Toshiba Semiconductor
|
TC7WPB9306FC TC7WPB9306FK TC7WPB9307FC |
Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
|
Toshiba Semiconductor
|
IDT74CBTLV3861PGG |
LOW-VOLTAGE 10-BIT BUS SWITCH CBTLV/3B SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
Integrated Device Technology, Inc.
|
PCAL9538A |
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, reset and Agile I/O
|
NXP Semiconductors
|
4376 M27V401 M27V401-200B1TR M27V401-200B6TR M27V4 |
4 Mbit 512Kb x8 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 4兆位512KB的x8低压紫外线EPROM和检察官办公室存储器 2.5-V/3.3-V 32-Bit Buffers/Drivers With 3-State outputs 96-LFBGA -40 to 85 Quadruple 2-Input Positive-NAND Gates 14-SOIC 0 to 70 2.5-V/3.3-V 16-Bit Bus Transceiver With 3-State Outputs 48-TSSOP -40 to 85 4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 4 Mbit 512Kb x8 or 256Kb x16 UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
74ALVCH32245 74ALVCH32245LB 74ALVCH32245LBR |
LOW VOLTAGE CMOS 32-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANTAT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 32 BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS 32 BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
STMicroelectronics ST Microelectronics
|