PART |
Description |
Maker |
74LCX157 74LCX157SJX 74LCX157M 74LCX157MTC 74LCX15 |
Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs LVC/LCX/Z SERIES, QUAD 2 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16 Low Voltage Hex Inverter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HSDL-7001 HSDL-7001100 |
IR 3/16 Encode/ Decode IC with 16X Clock SPECIALTY TELECOM CIRCUIT, PDSO16 HSDL-7001 · IR 3/16 Encode/ Decode IC with 16X Clock Generator
|
Lite-On Technology, Corp. Agilent (Hewlett-Packard)
|
M27W202 M27W202-100B6TR M27W202-100F6TR M27W202-10 |
2 Mbit 128Kb x16 Low Voltage UV EPROM and OTP EPROM 2兆位128KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 3-Line To 8-Line Decoders/Demultiplexers 16-SOIC 0 to 70 Triple 3-Input Positive-AND Gates 14-SO 0 to 70 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
0443-0050-10 0443-0500-10 0443-0030-10 0443-0080-1 |
3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Tapped Delay Line 抽头延迟
|
Bel Fuse, Inc.
|
74ALVCH162240 74ALVCH162240T 74ALVCH162240TX |
Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26?Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26з Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26 Ohm Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
MAX667 MAX667CPA MAX667CSA MAX667EPA MAX667ESA MAX |
5V/Programmable Low-Dropout Voltage Regulator From old datasheet system CONNECTOR ACCESSORY Quadruple 2-Line To 1-Line Data Selector / Multiplexer 16-CDIP -55 to 125 FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
HSDL-7001-2500 |
IR 3/16 Encode/Decode IC
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HSDL-7001 |
IR 3/16 Encode/Decode IC
|
Agilent(Hewlett-Packard)
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
UCC5687 UCC5686 |
Twenty-seven Line Active Terminator For Low-voltage-differential (LVD) SCSI Networks.(用于低压差分小型计算机系统接口的27线终端匹配器) Twenty-seven line Active Terminator for Low-voltage-differential (LVD) SCSI Networks.(用于低压差分小型计算机网络的27线终端匹配器)
|
Benchmark Technology Group
|
0451-0059-03 0451-0045-03 0451-0052-03 0451-0010-0 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Programmable Delay Line 可编程延迟线
|
SCHURTER AG
|