PART |
Description |
Maker |
HEF4060BDF HEF4060BPN HEF4060BTD HEC4060B HEF4060B |
HEF4060B; 14-stage ripple-carry binary counter/divider and oscillator MSI 14-stage ripple-carry binary counter/divider and oscillator 14-stage ripple-carry binary counter/divider and oscillator; Package: week 6, 2004 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 14-BIT UP BINARY COUNTER, PDSO16
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
SMCJ40 SMCJ24 SMCJ58A SMCJ58 SMCG51A SMCJ22 SMCJ26 |
UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT From old datasheet system CMOS 12-Stage Ripple-Carry Binary Counter/Divider 16-SOIC -55 to 125 CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-TSSOP -55 to 125 CMOS Quad Clocked 'D' Latch 16-SOIC -55 to 125 CMOS BCD-to-Decimal or Binary-to-Octal Decoders/Drivers 16-SO -55 to 125 CMOS Triple 3-Input OR Gate 14-SOIC -55 to 125 CMOS Quad Exclusive-OR Gate 14-SOIC -55 to 125 CMOS 7-Stage Ripple-Carry Binary Counter/Divider 14-CDIP -55 to 125 CAPACITOR CERAMIC DISC 47PF 1KV
|
http:// MICROSEMI[Microsemi Corporation]
|
TC7MH4040FK |
12-STAGE RIPPLE-CARRY BINARY COUNTER
|
TOSHIBA[Toshiba Semiconductor]
|
CD4060BCNNL |
14-Stage Ripple Carry Binary Counters 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 14-BIT UP BINARY COUNTER, PDIP16
|
Fairchild Semiconductor, Corp.
|
HCF4040M013TR HCF4040BM1 HCF4040B HCF4040BEY |
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
|
STMICROELECTRONICS[STMicroelectronics]
|
MMC4060 |
14-stage ripple-carry binary counter/divider and oscillator 14 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR
|
Microelectronica Micro Electronics
|
HCF4060M013TR HCF406013 HCF4060YM013TR |
14-stage ripple carry binary counter/divider and oscillator
|
STMicroelectronics
|
HCF4060BM1 HCF4060 HCF4060BEY |
4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 14-BIT UP BINARY COUNTER, PDIP16 Receptacle With A Wire Wrap Tail 14-STAGE RIPPLE CARRY BINARY COUNTER/DIVIDER AND OSCILLATOR
|
STMICROELECTRONICS
|
UM236 UM234 UM213 UM238M UM241 UM221M UM202 UM203 |
12 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDERS Synchronous presettable 4-bit counter OCTAL COUNTER WITH 8 DECODED OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED 7 SEGMENT DISPLAY OUTPUTS 4 bit synchronous up/down counters Quad exclusive NOR gate Low cost field programmable microcontroller peripherals DIFFERENTIAL 4 CHANNLE ANALOG MULTIPLEXER DEMULTIPLEXER N-CHANNEL 600V 0.85 Ohm 7A TO-220/TO-220FP POWERMESH II MOSFET Octal bus buffer with 3 state outputs (non inverted) Octal bus buffer with 3 state outputs (not inverted) Octal bus buffer with with 3 state outputs (non inverted) 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 5V range 8-bit MCU with 8 to 32K Flash, 10-bit ADC, 4 timers, SPI, SCI interface QUAD 2 INPUT AND GATE 5 bit programmable dual-phase controller 5 bit programmable step down controller with synchronous rectification Quad 2 channel multiplexer (inv.) 12 stage binary counter High-voltage high and low side driver
|
|
MC74HC4040N |
CMOS 12-State Ripple Carry Binary Counter / Driver
|
ETC
|