PART |
Description |
Maker |
BD6641KUT |
4ch PWM Sensorless System Motor Driver for MD
|
Rohm
|
AM9800GS-G1 AM9800GSTR-G1 |
3 PHASE DIRECT PWM SENSORLESS MOTOR DRIVER Three Phase Direct PWM Sensorless Motor Driver
|
Diodes Incorporated
|
ISL6527AIR ISL6527CB ISL6527EVA ISL6527IB ISL6527C |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller PWM Controller, External Reference, 3.3V to 5V Supply, 300 or 600kHz
|
INTERSIL[Intersil Corporation]
|
ISL6520BCB-T ISL6520BCBZ ISL6520BCBZ-T ISL6520BCR |
PWM Controller, 5V Input, VOUT 0.8V Min @ 1.5%, 300kHz, COMP/SD Pin (Shutdown) Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
|
INTERSIL[Intersil Corporation]
|
ML4411 ML4411ACS ML4411CS |
Sensorless Spindle Motor Controller
|
MICRO-LINEAR[Micro Linear Corporation]
|
ML4426 ML4426CH ML4426CP ML4426CS ML4426IH ML4426I |
Bi-directional Sensorless BLDC Motor Controller
|
Micro Linear Corporatio... MICRO-LINEAR[Micro Linear Corporation]
|
ML4426 |
Bi-directional Sensorless BLDC Motor Controller(双向无传感无刷直流电机控制器)
|
Fairchild Semiconductor Corporation
|
ISL6553 ISL6553EVA ISL6553CB ISL6553CB-T ISL6553EV |
PWM Controller, 2-Phase, 5-Bit VID, ?% Reg, VCORE =1.05/1.825V Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ZXRD1050PQ16 ZXM64NO3X ZXRD1033PQ16 ZXRD1033NQ16 Z |
HIGH EFFICIENCY SIMPLESYNC?PWM DC-DC CONTROLLERS 5 V, High efficiency simplesync PWM DC-DC controller 3.3 V, High efficiency simplesync PWM DC-DC controller PTSE 30C 29#20 1#16 PIN RECP MC680X0 FPU COPROCESSOR Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS Adj, High efficiency simplesync PWM DC-DC controller
|
Diodes Incorporated ZETEX PLC Zetex Semiconductors
|
PAL20L8-10PC PAL20L8-10DC PAL20L8-10JC PAL20L8-102 |
CAP 0.1UF 100V 10% X7R RAD.20 .30X.30 BULK M-MIL-PRF-39014 STANDOFF Current Mode PWM Controller 16-SOIC -40 to 85 Current Mode PWM Controller 16-CDIP -40 to 85 Current Mode PWM Controller 20-PLCC -40 to 85 24-Pin TTL Programmable Array Logic 24引脚的TTL可编程阵列逻辑 24-Pin TTL Programmable Array Logic OT PLD, 10 ns, PQCC28
|
Advanced Micro Devices, Inc.
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
MAX747 MAX747C_D MAX747CPD MAX747CSD MAX747EPD MAX |
High-Efficiency PWM, Step-Down P-Channel DC-DC Controller High-Efficiency PWM Step-Down P-Channel DC-DC Controller High-Efficiency PWM / Step-Down P-Channel DC-DC Controller Parallel-Load 8-Bit Shift Registers 16-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|