PART |
Description |
Maker |
KTC3552T |
Low Vce(sat) Transistor DC-DC CONVERTERS RELAY DRIVERS, LAMP DRIVERS, MOTOR DRIVERS, STROBES APPLICATION
|
Korea Electronics (KEC) KEC[KEC(Korea Electronics)]
|
AT28C040 AT28C040-20 AT28C040-20BC AT28C040-20BI A |
Octal Buffers/Drivers With 3-State Outputs 20-SSOP -40 to 85 512K X 8 EEPROM 5V, 200 ns, CDIP32 Octal Buffers/Drivers With 3-State Outputs 20-SO -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Buffers/Drivers With 3-State Outputs 20-SOIC -40 to 85 Low-Power, Dual Supply, Level Translating CompactFlash Interface With 16-Bit Data, 11-Bit Address 114-BGA MICROSTAR -40 to 85 4-Megabit 512K x 8 Paged E2PROM
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
U74ACT240 U74ACT240G-P20-R U74ACT240G-P20-T U74ACT |
The U74ACT240 is designed to improve the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters.
|
Unisonic Technologies
|
WM8961 WM8961GEFL/RV WM8961GEFL/V |
Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
|
Wolfson Microelectronics plc
|
5962-87567012A |
Low-Power, Low-Distortion, Central-Office ADSL Drivers and Integrated Drivers/Receivers 3线复用器
|
Bourns, Inc.
|
M54679FP |
ASSP>Motor Drivers>Motor Drivers for LBP/IJP/FAX/PPC/FA
|
Renesas
|
UCN5841 UCN5841A UCN5841LW UCN5842 UCN5842A UCQ584 |
(UCN5842) BiMOS II 8-BIT SERIAL-INPUT / LATCHED DRIVERS BiMOS II 8-Bit Serial-Input, Latched Driver to be Used in a Wide Variety of Peripheral Power Driver Applications(广泛用于各种外围功率器件的BiMOS II 8位串行输入锁存驱动器) BiMOS II 8-BIT SERIAL-INPUT/ LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT. LATCHED DRIVERS BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS BiMOS II 8-BIT SERIAL INPUT/ LATCHED SOURCE DRIVERS
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
TC1413 TC1413N TC1413NCOA TC1413NCOA713 TC1413NEUA |
3A High-Speed MOSFET Drivers The TC1413/1413N are 3A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. ... The TC1413/1413N are 3A CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity that occurs on the ground pin
|
http:// Microchip
|
ISL6611A ISL6611ACRZ ISL6611AIRZ ISL6611AIRZ-T |
Phase Doubler with Integrated Drivers and Phase Shedding Function; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R DUAL SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PQCC16 Phase Doubler with Integrated Drivers Phase Doubler with Integrated Drivers
|
Intersil, Corp. Intersil Corporation
|
LB1941 LB1941T |
Brush Motor Drivers iForward/reverse driversj: - Constant Current Forward/Reverse Driver IC for Digital Cameras Monolithic Digital IC
|
SANYO[Sanyo Semicon Device]
|
TC1410N C1410COA C1410COA713 C1410CPA C1410CUA C14 |
The TC1410/1410N are 0.5V CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. ... The TC1410/1410N are 0.5V CMOS buffer/drivers. They will not latch up under any conditions within their power and voltage ratings. They are not subject to damage when up to 5V of noise spiking of either polarity occurs on the ground pin. T 0.5A High-Speed MOSFET Drivers
|
http:// MICROCHIP[Microchip Technology]
|