PART |
Description |
Maker |
CLM2810 CLM2810-33 CLM2810AT CLM2810AT-X CLM2810M |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection ADJUSTABLE POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 2.85V / 1.0A Low Dropout Regulator 10V / 1.0A Low Dropout Regulator 12V / 1.0A Low Dropout Regulator 3.3V / 1.0A Low Dropout Regulator Ajustable 1.0A Low Dropout Regulator
|
Calogic LLC CALOGIC[Calogic, LLC] Calogic LLC
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MIC5202 MIC5202-3.0BM MIC5202-3.3BM MIC5202-4.8BM |
Dual 100mA Low-Dropout Voltage Regulator(杈???垫?100mA浣??宸???靛?绋冲??? Dual 100mA Low-Dropout Voltage Regulator Preliminary Information DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 Replaced by PT6212 :
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|
MIC5213-2.5BC5 MIC5213-2.8BC5 MIC5213-3.0BC5 MIC52 |
Teeny??SC-70 ??ap Low-Dropout Regulator Advance Information TeenySC-70 Cap Low-Dropout Regulator Advance Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 TeenySC-70 Cap Low-Dropout Regulator Advance Information 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Teeny SC-70 μCap Low-Dropout Regulator(Teeny μCap技术SC-70封装低压差稳压器) 4.5V to 20V, 3A Synchronous Step Down SWIFT Converter 5.0 Vout 16-HTSSOP -40 to 85 TeenySC-70 レCap Low-Dropout Regulator Advance Information Teeny⑩ SC-70 レCap Low-Dropout Regulator Advance Information Teeny SC-70 Cap Low-Dropout Regulator Advance Information Teeny SC-70 μCap Low-Dropout Regulator Advance Information Teeny?/a> SC-70 μCap Low-Dropout Regulator Advance Information
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
CS8363YDPSR7 CS8363YDPS7 CS8363 |
3.3V Dual Micropower Low Dropout Regulator with ENABLEbar and RESETbar 3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
|
ONSEMI[ON Semiconductor]
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
B29150 B29150J B29150S B29150T B29151/2/3J B29151/ |
5V dual 1.5A high current low dropout voltage regulator 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 1.5A的高电流低压差稳压器可调 1.5A High Current Low Dropout Voltage Regulator Adjustable & Fix Output 12V dual 1.5A high current low dropout voltage regulator Adjustable dual 1.5A high current low dropout voltage regulator
|
List of Unclassifed Manufacturers ETC BayLinear
|
OM2940-15SM OM2940-05SM OM2940-12SM OM2940-5SM OM2 |
Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits SURFACE MOUNT 0.5 VOLT L OW DROPOUT POSITIVE REGULATOR 表面贴装0.5伏马斯洛低压差正调控
|
List of Unclassifed Manufacturers Omnirel International Rectifier ETC[ETC] Electronic Theatre Controls, Inc.
|
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
CS8161YTVA5G |
12 V, 5.0 V Low Dropout Dual Regulator with ENABLE DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSFM5
|
ON Semiconductor
|