PART |
Description |
Maker |
TAR5S1507 TAR5S40 TAR5S41 TAR5S50 TAR5S42 TAR5S43 |
Point Regulators (Low-Dropout Regulator)
|
Toshiba Semiconductor
|
LM2931AD2T-5.0 LM2931Z-5.0 LM2931T-5.0 LM2931D-5.0 |
LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSIP3 LOW DROPOUT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 24 V-29.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSFM5
|
Motorola Inc Motorola, Inc. ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA INC
|
TC1189 TC1188 TC-1188 TC-1189 TC1188QECTTR TC1188R |
Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V ... Delivering up to 120mA, the TC1188 and TC1189 are fixed output, low-dropout linear regulators that operate from a 2.5V to 6.0V input range. The 50A supply current remains independent of load, making these devices ideal for battery-opera MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
|
MICROCHIP[Microchip Technology]
|
MIC29150-5.0BT MIC29150-5.0BU MIC29751-3.3BWT MIC2 |
High-Current Low-Dropout Regulators Replaced by PT6302 : High-Current Low-Dropout Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM3 High-Current Low-Dropout Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM5 PT 4C 4#20 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, SFM3 PT 3C 3#20 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 PT 21C 21#16 SKT PLUG 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3 Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 Replaced by PTN78060W : 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3 High-Current Low-Dropout Regulators 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM5 High-Current Low-Dropout Regulators 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO3 High-Current Low-Dropout Regulators 12 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, SFM3 Replaced by PT6303 : 1.25 V-25 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO5 High-Current Low-Dropout Regulators(高电流,低压差稳压器) 大电流低压差稳压器(高电流,低压差稳压器 Replaced by PT5404 :
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc. MICREL INC http://
|
LT1118CST-2.5 LT1118CST-2.85 LT1118-2.5 LT1118-5 L |
LED 570NM GREEN DIFF 1206 SMD Low IQ, Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low I Q , Low Dropout, 800mA, Source and Sink Regulators Adjustable and Fixed 2.5V, 2.85V, 5V Output Low IQ/ Low Dropout/ 800mA/ Source and Sink Regulators Adjustable and Fixed 2.5V/ 2.85V/ 5V Output From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology]
|
LM2935 LM2935T LM2935TH LM2935TV LM2935_D ON0300 L |
Low Dropout Dual Regulator From old datasheet system LOW DROPOUT VOLTAGE REGULATORS LOW DROPOUT DUAL VOLTAGE REGULATOR Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85
|
ONSEMI[ON Semiconductor]
|
AP131-20YL-13 AP131-20YL-7 AP131-18YL-13 AP131-18Y |
1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Diodes, Inc. http:// Diodes Inc. DIODES[Diodes Incorporated]
|
LP2950 LP2951ACS-5-0_TR LP2951CS-L-5-0 LP2950CN-L- |
5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, LOW DROPOUT VOLTAGE REGULATORS
|
http:// Exar Corporation
|
LP2950ACN-3.3 LP2950 LP2950AS LP2951ACS-3.3 LP2951 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100 mA Low Dropout Voltage Regulators
|
SIPEX[Sipex Corporation] http://
|
MSK5100-00 MSK5100-00B MSK5100-00E MSK5100-12 MSK5 |
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS ADJUSTABLE POSITIVE LDO REGULATOR, 0.6 V DROPOUT, DSO10
|
M.S. Kennedy Corporatio... M.S. Kennedy Corporation M.S. Kennedy, Corp.
|