PART |
Description |
Maker |
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
FS30UM-3 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE Bench Power Supply; Output Voltage:35V; Output Current:6A; Number of Outputs:1; Calibrated:No; Display Technology:Digital; Output Current Max:6A; Output Current Min:0A; Output Voltage Max:35V; Output Voltage Min:0V
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
ST16R820 |
Voltage Regulator IC; Output Current:300mA; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V; Output Voltage Min:1.5V 智能卡有544字节的EEPROM非接联系MCU应用 Smartcard MCU With 544 Bytes EEPROM for Contactless/Contact Applications
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
HEC100-48S3P3 HEC100-48S3P3-K HEC100-48S3P3-L HEC1 |
Input range:36-75 VDC;output voltage:3.3 VDC; output current:25 A;input current:2.022 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:5/2.5 VDC; output current:20/25 A;input current:2.45 A; 100 W dual output DC-DC converter Input range:36-75 VDC;output voltage:2.5 VDC; output current:25 A;input current:1.608 A; 100 W single output DC-DC converter Input range:36-75 VDC;output voltage:1.8 VDC; output current:25 A;input current:1.157 A; 100 W single output DC-DC converter
|
Power Mate Technology
|
ATS025A0X3-P ATS025A0X3 ATH025A0X3 ATH025A0X3Z ATH |
4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
|
Lineage Power Corporation
|
5962-0420501HYC 5962-0420501HPA 5962-0420501HXA 59 |
0.5 Amp Output Current IGBT Gate Drive Optocoupler 0.5安培输出电流IGBT栅极驱动光电耦合 5962-0420501HYC · 0.5 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420501HPA · 0.5 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420501HXA · 0.5 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420501HYA · 0.5 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420501HPC · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5150-200 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5150-300 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5151-200 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5150-100 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5151-100 · 0.5 Amp Output Current IGBT Gate Drive Optocoupler
|
Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
7B39-02 7B39-01 |
Isolated Current Output Signal Conditioning Module Isolated, Process Current Output
|
Analog Devices
|
TS612_02 TS612 TS612ID TS612IDT |
DUAL WIDEBAND OP-AMP WITH HIGH OUTPUT CURRENT DUAL WIDE BAND OPERATIONAL AMPLIFIER WITH HIGH OUTPUT CURRENT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
WE300M WE400M WE320M WE300 WE301 WE301M WE320 |
DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 2.5 VDC. Output current 5000 mA. Input current 30 mA(no load), 645 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 5 VDC. Output current 4000 mA. Input current 20 mA(no load), 992 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 3.3 VDC. Output current 5000 mA. Input current 20 mA(no load), 828 mA(full load). DC to DC Converter
|
International Power Sources
|
MP5018 |
5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
|
Monolithic Power System...
|