PART |
Description |
Maker |
BC848B BC848W BC848W/T3 |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN 30 V, 100 mA NPN general-purpose transistors
|
NXP Semiconductors N.V.
|
UPD70F3217HGJ-UEN UPD70F3217HGJ-UEN-Y UPD70F3217HY |
144-pin general-purpose 32-bit single-chip microcomputer(V850ES/KJ1) 80-pin general-purpose 32-bit single-chip microcomputer(V850ES/KF1) 100-pin general-purpose 32-bit single-chip microcomputer(V850ES/KG1)
|
NEC
|
2PA1774QJT/R 2PA1774RJ 2PA1774SJ 2PA1774RJT/R 2PA1 |
PNP general purpose transistor 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|的SOT - 490 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANS GP BJT PNP 50V 0.1A 3SOT490 T/R 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-89, 3 PIN
|
Philips Semiconductors / NXP Semiconductors NXP Semiconductors N.V.
|
BC857W BC857BW BC857CW BC858W BC858W/T3 BC856AW |
100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN PNP general purpose transistors
|
NXP Semiconductors N.V.
|
SEAL100FP |
Sealed Conversion Board for Converting from 100-pin 0.65mm-pitch QFP (100P6S-A) or LCC (100D0) to 100-pin Standard Pitch
|
Renesas Electronics Corporation
|
P23-34C P24-4C P24-24C P74-13C P74-33C M48-18 M48- |
1 ELEMENT, 2400000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 10000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 360000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 43000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 5000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 72000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 500000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 120000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 7200 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 86000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 250 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 720 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 200 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 3600000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12250 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 2000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 750000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 175 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 17500 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 8600 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 300000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 1000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 100 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 6000000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 24000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 400 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 600000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 50000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 860000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 12000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 20000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 60000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 15000 uH, POWDERED IRON-CORE, GENERAL PURPOSE INDUCTOR
|
ZETTLER electronics GmbH CTS, Corp.
|
74980-2504 |
2.00mm (.079) Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 5.15mm (.203)
|
Molex Electronics Ltd.
|
74696-2514 |
2.00mm (.079) Pitch 5-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Pin End Version, 100 Circuits, Pin Length 5.15mm (.203)
|
Molex Electronics Ltd.
|
AQW214EHA AQW214EH AQW214EHAX AQW214EHAZ AQW210EHA |
PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Through hole terminal. PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. Surface-mount trminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount trminal. Picked from the 1/2/3/4-pin side. PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 400 V, load current 100 mA. Surface-mount trminal. Picked from the 5/6/7/8-pin side. PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. Surface-mount trminal. Picked from the 5/6/7/8-pin side. GU (General Use)-E Type 2-Channel (Form A) Type 顾(一般使用)- E通道(A型) PhotoMOS relay, GU (general use), E-type, 2-channel (form A) type. I/O isolation: reinforced 5,000V. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. Through hole terminal.
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)] Electronic Theatre Controls, Inc.
|
C8051F130 |
100 MIPS, 128 kB Flash, 10-Bit ADC, 100-Pin Mixed-Signal MCU
|
SILABS[Silicon Laboratories]
|
|