PART |
Description |
Maker |
74ALVCH16373 74ALVCH16373_3 ACH16373DL 74ALVCH1637 |
2.5 V / 3.3 V 16-bit D-type transparent latch (3-State) From old datasheet system 2.5V/3.3V 16-bit D-type transparent latch 3-State 2.5V/3.3V 16-bit D-type transparent latch(3-State)(2.5V/3.3V 16D透明锁存器(三态))
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
HD74LS373PDIP 74LS373 HD74LS373P HD74LS373 HD74LS3 |
IC,LATCH,SINGLE,8-BIT,LS-TTL,DIP,20PIN,PLASTIC Octal D-type Transparent Latches(with three-state outputs) Octal D-type Transparent Latches with noninverted 3-state output
|
Hitachi,Ltd. Hitachi America HITACHI[Hitachi Semiconductor]
|
MB89715 MB89713 MB89710 MB89713C MB89713CF MB89713 |
Scan Path Linkers With 4-Bit Identification Buses 28-CDIP -55 to 125 Octal-Transparent D-type Latches With 3-State Outputs 20-CDIP -55 to 125 Octal-Transparent D-type Latches With 3-State Outputs 20-LCCC -55 to 125 (MB89710 Series) CMOS 8-Bit Single-Chip Flexible Microcontroller
|
Fujitsu Component Limit... Fujitsu Limited FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited.
|
MB90428G MB90428GPFV MB90F428GPF MB90423GPF MB90F4 |
(MB90420G - MB90428G) 16-Bit Original Microcontroller 16-Bit Original Microcontroller 16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 Octal Transparent D-type Latches With 3-State Outputs 20-LCCC -55 to 125 Octal D-type Transparent Latches With 3-State Outputs 20-LCCC -55 to 125
|
Fujitsu Media Devices Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
74LVC162373A 74LVC162373ADGG 74LVC162373ADL 74LVC_ |
16-bit D-type transparent latch with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω系列终端电阻器,5V输入/输出容限6位D透明锁存器(三态)) 16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state From old datasheet system
|
Philips Semiconductors
|
VCH162373ADL 74LVC162373A 74LVC162373ADGG 74LVC162 |
Dual 4-Bit Binary Counters 14-SO -40 to 85 16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
HD74LVC16373A |
16-bit D-type Transparent Latches with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
PI74VCX16373A PI74VCX16373 PI74VCX16373AE |
16-Bit Transparent D-Type Latch with 3-State Outputs
|
Pericom Semiconductor C... Pericom Semiconductor Corporation
|
PI74ALVTC16373K PI74ALVTC16373V |
16-bit transparent D-type latch with 3-state outputs
|
Pericom Technology
|
74ALVCH162373T 74ALVCH162373 74ALVCH162373TX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26?Series Resistors in Outputs Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26з Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX16373-D 74VCX16373DT |
8-Bit D-Type Latch 8位D型锁存器 Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
DM74ALS563A DM74ALS563AWM DM74ALS563AN DM74ALS563A |
From old datasheet system Octal D-Type Transparent Latch with 3-STATE Output 8-Bit D-Type Latch RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.42Vf 0.4mA-ir PowerDI-123 3K/REEL
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|