PART |
Description |
Maker |
PE-67050 PE-67100 PE-67300 PE-67200 |
Meets IEC950 insulation requirements 3750VRMS primary to secondary breakdown voltage Frequency range 10kHz to 200kHz IC,MCU,MC68701,8-BIT,DIP-40 29 I/O,2MHZ 8-BIT, UVPROM, 1 MHz, MICROCONTROLLER, CDIP28
|
Pulse Engineering, Inc.
|
70L-ODC |
Transient Protection: Meets the requirements of IEEE 472
|
Grayhill, Inc
|
HV110 |
Power-over-Ethernet Interface PD Controller meets IEEE802.3afTM Standard
|
SUTEX[Supertex, Inc]
|
1N5340B |
5 Watt Zener Diode 5.1 to 51 Volts Epoxy meets UL 94 V-0 flammability rating
|
Micro Commercial Components
|
623-525-22-50 623-503-22 623-503-22-07 623-503-22- |
Minimum line quantity 20 Panel sealing meets and exceeds IP67 rating
|
Marl International Limited
|
1A1KV |
Low Leakage Current Glass Passivated Junction Epoxy meets UL 94 V-0 flammability rating
|
TY Semiconductor Co., Ltd
|
PSAA15W-240L6 |
15 Watt Universal 2-Wire Input Desktop Adapter PSAA15W Single Output Series Meets Level VI Requirements
|
Phihong USA Inc.
|
HFBR-0400 |
Meets IEEE 802.3 Ethernet and 802.5 Token Ring Standards
|
AVAGO TECHNOLOGIES LIMI...
|
PSAC30U-240L6 |
20-30W Universal 3-Wire Input Desktop Adapter PSAC30U Adapter Meets Level VI Efficiency
|
Phihong USA Inc.
|
SLG55544 |
Meets Battery Charging Specification BC1.2 for DCP and
|
Dialog Semiconductor
|