PART |
Description |
Maker |
IRFZ46 IRFZ46-002PBF IRFZ46-003 IRFZ46-002 |
Power MOSFET(Vdss=50V, Rds(on)=0.024ohm, Id=50*A) RES 5.1K-OHM 5% 0.25W 200PPM THICK-FILM SMD-1206 5K/REEL-7IN-PA 50 A, 50 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
IRF[International Rectifier] VISHAY INTERTECHNOLOGY INC
|
SD1208-50-5 |
CAP AND SAFETY CHANN, BNC
|
Winchester Electronics Corporation
|
PHB45N03T PHB42N03T |
TrenchMOS transistor Standard level FET 45 A, 30 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
KS24C010 KS24C021 KS24C011 KS24C020 |
1.024 / 2.048-BIT SERIAL EEPROM 1,024/2,048-bit serial eeprom 1,024 / 2,048位串行EEPROM (KS24C010 / KS24C011 / KS24C020 / KS24C021) 1024/2048-bit serial eeprom
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
SIZ7300DT-T1-GE3 |
11 A, 30 V, 0.024 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 3 X 3 MM, HALOGEN FREE AND ROHS COMPLIANT, LEADLESS, POWERPAIR-8
|
Vishay Intertechnology, Inc.
|
SIZ704DT-T1-GE3 |
N-Channel 30-V (D-S) MOSFETs 9.4 A, 30 V, 0.024 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 6 X 3.70 MM, HALOGEN FREE AND ROHS COMPLIANT, POWERPAIR-6
|
Vishay Siliconix Vishay Intertechnology, Inc.
|
IDT72V235L20PFI IDT72V225L20PF IDT72V225L20PFI IDT |
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 3.3伏的CMOS SyncFIFO 256 × 1812 × 18,024 × 18,048 × 18,和4,096 × 18 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 1K X 18 OTHER FIFO, 12 ns, PQFP64 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 3.3伏的CMOS SyncFIFO 256 × 1812 × 181,024 × 18,048 × 18,和4,096 × 18 Dual retriggerable monostable multivibrator with reset 3.3伏的CMOS SyncFIFO 256 × 1812 × 18,024 × 18,048 × 18,和4,096 × 18 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 256 X 18 OTHER FIFO, 10 ns, PQFP64 3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18 1K X 18 OTHER FIFO, 10 ns, PQFP64
|
Integrated Device Technology, Inc.
|
NS471Q6 NS471B5 |
RES THNFLM NET 9M OHM/900K OHM/90K OHM/9K OHM/900 OHM/100 OH - Bulk CNS 471 Decade Divider, Single-In-Line Through Hole Thin Film Resistor Networks (Standard)
|
Vishay Sfernice
|
UT4957G-S08-R UT4957G-S08-T UT4957-S08-R UT4957-S0 |
P-CHANNEL ENHANCEMENT MODE POWER MOSFET 7.7 A, 30 V, 0.024 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
UNISONIC TECHNOLOGIES CO LTD
|
SM2E470KC SM2E470KT SM2E470KR SM2E221KC SM2D330MC |
ALUMINIUM ELECTROLYTIC CAPACITOR CABLE,RIBBON,10 CONDUCTOR, RAINBOW,28AWG,100 FEET,FLAT LAMP,#28MB,INCANDESCENT T-2,28.00V,.040A,1600MSCP SOCKET,IC,28PIN,.600",TIN, DUAL,SOLDER,LP (10) LAMP,#28PSB,INCANDESCENT T-2,28.00V,.040A,1600MSCP INDUCTOR,TOROID,HORIZONTAL, 47.0 uH,6.7 IDC,0.024 OHM, INDUCTOR,TOROID,VERTICAL, 22.0 uH,7.0 IDC,0.015 OHM, INDUCTOR,TOROID,VERTICAL, 560.0 uH,3.6 IDC,0.14 OHM, COMPONENT VIDEO RCA CABLE 6', RCA MALES TO RCA MALES,IVORY INDUCTOR,TOROID,VERTICAL, 12.0 uH,12.0 IDC,0.008 OHM, INDUCTOR,TOROID,HORIZONTAL, 12.0 uH,19.1 IDC,0.005 OHM, CONN,HEADER,22-28-6122-VP, 12 CIRCUIT,.100",R/A,GOLD S-VIDEO 12'CABLE,2XGOLD PLATED MALE S-VIDEO PLUGS MOTOR,DC,13.5V/13A,18000RPM, 510GM-CM,0.12"SHFT DIA 铝电解电容器 LAMP,#24ESB,INCANDESCENT T-2,24.00V,.040A,850MSCP 铝电解电容器 HEADER,LP SHROUD,4-PIN R ,ANGLE KEYED 铝电解电容器 PWR CORD,UK/IRL,8',1.0mm,FUSED 3-PRONG R/A,HO5VV-F,,ASTA/CE 铝电解电容器 INDUCTOR,TOROID,HORIZONTAL, 470.0 uH,3.8 IDC,0.13 OHM, 铝电解电容器 CABLE,ROUND ATA-133/IDE,24", 40PIN,BLACK 铝电解电容器 INDUCTOR,TORID,VERTICAL, 470.0 uH,3.8 IDC,0.13 OHM, 铝电解电容器 INDUCTOR,TOROID,HORIZONTAL, 10.0 uH,20.0 IDC,0.005 OHM, 铝电解电容器
|
DB Lectro Inc. DB Lectro, Inc. Bourns, Inc.
|
IDT72805LB10BGI IDT72845LB20PFI IDT72835LB20PFI ID |
4K x 18 DualSync FIFO, 5.0V 2K x 18 DualSync FIFO, 5.0V 1K x 18 DualSync FIFO, 5.0V 256 x 18 DualSync FIFO, 5.0V 512 x 18 DualSync FIFO, 5.0V CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 1K X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 512 X 18 BI-DIRECTIONAL FIFO, PBGA121 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 2K X 18 BI-DIRECTIONAL FIFO, 6.5 ns, PQFP128 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18 CMOS双SyncFIFO56 × 18,双512 × 18,双1,024 × 18,双2,048 × 18,双4,096 × 18 CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
|
Integrated Device Technolog... IDT Integrated Device Technology, Inc. Integrated Device Techn...
|
|