PART |
Description |
Maker |
M27V800-150XM1TR M27V800 M27V800-100B1TR M27V800-1 |
NND - 8 MBIT (1MB X8 OR 512KB X16) LOW VOLTAGE UV EPROM AND OTP EPROM 8 Mbit 1Mb x8 or 512Kb x16 Low Voltage UV EPROM and OTP EPROM 8兆x812KB的x16低压紫外线可擦写可编程只读存储器和OTP存储 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M29W800B M29W800B100M1R M29W800B100M1TR M29W800B10 |
8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory 8 Mbit (1Mb x8 or 512Kb x16, Boot Block)Low Voltage Single Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29F800DB M29F800DB55M1E M29F800DB55M1F M29F800DB5 |
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
|
STMICROELECTRONICS[STMicroelectronics]
|
29F800 M29F800AB M29F800AT -M295V800AB90N3T M295V8 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series II; Body Material:Metal; Series:JT; No. of Contacts:28; Connector Shell Size:18; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Body Style:Straight RoHS Compliant: No 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Single Supply Flash Memory 8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Single Supply Flash Memory
|
ST Microelectronics 意法半导 STMicroelectronics
|
M29W800AB M29W800AB120ZA5T M29W800AT80ZA5T M29W800 |
8 Mbit 1Mb x8 or 512Kb x16 / Boot Block Low Voltage Single Supply Flash Memory Low-Power Single Buffer/Driver with 3-State Output 5-DSBGA -40 to 85 8兆x812KB的x16插槽,引导块低压单电源闪 RESISTOR: 100 OHM, 1/10W, 1%, PACKAGE 0805 81兆x812KB的x16插槽,引导块低压单电源闪 8 Mbit 1Mb x8 or 512Kb x16, Boot Block Low Voltage Single Supply Flash Memory 8兆x812KB的x16插槽,引导块低压单电源闪 Low-Power Single Buffer/Driver with 3-State Output 5-SOT-23 -40 to 85
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M27W800-150K6TR M27W800 M27W800-100B6TR M27W800-10 |
8 Mbit (1Mb x 8 or 512Kb x 16), Low Voltage UV EPROM and OTP EPROM 8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM 8兆8512KB × 16低压紫外线存储器和OTP存储 81兆812KB × 16低压紫外线存储器和OTP存储 8 MBIT (1MB X 8 OR 512KB X 16) LOW VOLTAGE UV EPROM AND OTP EPROM 512 Kbit 64Kb x8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M36W0R6040T0 M36W0R6040B0ZAQF M36W0R6040T0ZAQF M36 |
64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
|
ST Microelectronics STMicroelectronics
|
M36D0R6040T0ZAIT M36D0R6040B0ZAI M36D0R6040B0ZAIE |
64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M36W216 M36W216BI M36W216BI70ZA1T M36W216BI85ZA1T |
16 Mbit 1Mb x16, Boot Block Flash Memory and 2 Mbit 128Kb x16 SRAM, Multiple Memory Product
|
STMICROELECTRONICS[STMicroelectronics]
|
M27C800 M27C800-120F1TR M27C800-120F6TR 27C800 M27 |
512K X 16 OTPROM, 120 ns, PDSO44 512K X 16 OTPROM, 50 ns, PQCC44 Octal Bus Transceiver With 3-State Outputs 20-TSSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-TVSOP -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM 8兆x812KB的x16紫外线存储器和OTP存储 Octal Bus Transceiver With 3-State Outputs 20-SOIC -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 16-Bit Bus Transceiver and Transparent D-Type Latch with 8 Independent Buffers 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 32-Bit Buffer/Driver With 3-State Outputs 96-LFBGA -40 to 85 8兆x812KB的x16紫外线存储器和OTP存储 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-TSSOP -40 to 85 8 MBIT (1MB X8 OR 512KB X16) UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27W016-100B1 M27W016-100M1 M27W016-100N1 M27W016- |
16 MBIT (1MB X16) 3V SUPPLY FLEXIBLEROM MEMORY
|
ST Microelectronics
|