PART |
Description |
Maker |
IL3522 |
Isolated RS485/RS422 Interface
|
List of Unclassifed Manufacturers
|
F81438 F81438G |
Single 5V RS232/RS422/RS485 Multiprotocol
|
Feature Integration Technology Inc.
|
IL422-3V |
Isolated 3Volt RS422/RS485 Interface
|
Electronic Theatre Controls, Inc. ETC[ETC] ANALOGICTECH[Advanced Analogic Technologies] List of Unclassifed Manufacturers
|
APP-SR1-PCU-C 1120205017 |
applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant
|
Molex Electronics Ltd.
|
ADOP27AQ/883B ADOP27BH/883B ADOP27BQ/883B ADOP27CH |
60V Fault Protected RS485/RS422 Transceivers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Voltage-Feedback Operational Amplifier 电压反馈运算放大
|
3M Company
|
ISL3283E ISL3282E ISL3281E ISL3280E ISL3284E ISL32 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE RECEIVER, PDSO6 6.5kV ESD Protected, 125C, 3.0V to 5.5V, TDFN Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers 6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
|
Integrated Device Techn... Integrated Device Technology Intersil Corporation Intersil, Corp.
|
MAX3295 MAX3284E MAX3281E MAX3295AUT-T MAX3280E MA |
20Mbps / 3.3V / SOT23 RS-485/ RS-422 Transmitters 20Mbps, 3.3V, SOT23 RS-485/ RS-422 Transmitters 32-Bit Digital Signal Controller with Flash 100-LQFP -40 to 85 32-Bit Digital Signal Controller with Flash 100-LQFP -40 to 125 ±15kV ESD保护2MbpsV.5V、SOT23封装、RS-485/RS-422真失效保护接收器
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX3294AUTCGD MAX3295AUTCGK MAX3295AUTTCGK |
20Mbps, 3.3V, SOT23 RS-485/RS-422 Transmitters
|
MAXIM - Dallas Semiconductor
|
SP319CF SP319 |
20Mbps / 5V-Only V.35 Interface with RS-232 V.28 Control Lines 20Mbps, 5V-Only V.35 Interface with RS-232 V.28 Control Lines
|
SIPEX[Sipex Corporation]
|
RS485-C1AS RS485-C1UK RS485-C1US |
RS232/RS485 CONV (AS) RS232/RS485接口换(英国 RS232/RS485 CONV (UK) RS232/RS485 CONV (US)
|
|
ST485ERC ST485ERB ST485ERCDR |
LOW POWER RS-485/RS422 TRANSCEIVER LOW POWER RS-485/RS422 TRANSCEIVER
|
ST Microelectronics STMicroelectronics
|
|