PART |
Description |
Maker |
AD801702 AD8017ARZ-REEL |
Low Cost, High Output Current, High Output Voltage Line Driver Dual High Output Current, High Speed Amplifier
|
Analog Devices
|
DPA4111 |
Solid-State PC Board Relay; Output Device:SCR; Output Voltage Min:20Vrms; Output Voltage Max:140Vrms; Load Current Max:1A; Switching:Zero Cross; Output Current Max:1A; Output Current Min:0.025Arms; Output Type:SCR RoHS Compliant: Yes
|
CRYDOM CORP
|
AD5555CRU AD5555CRU-REEL7 AD5545 AD5545BRU-REEL7 A |
Precision DUAL 16-Bit 14-Bit-DACs in Compact TSSOP Packages Dual/ Current-Output/ Serial-Input/ 16-/14-Bit DAC Dual, Current-Output, Serial-Input, 16-/14-Bit DAC SERIAL INPUT LOADING, 0.5 us SETTLING TIME, 14-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
AD8023 AD8023ACHIPS AD8023AR AD8023AR-REEL AD8023A |
High Current Output/ Triple Video Amplifier RECTIFIER SCHOTTKY DUAL 60A 50V 500A-ifsm 0.7V-vf 20mA-ir TO-3P 30/TUBE High Current Output, Triple Video Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
S218 |
Solid-State Panel Mount Relay; Output Device:Triac; Output Voltage Max:140Vrms; Output Voltage Min:20Vrms; Load Current Max:8A; Switching:Zero Cross; Output Current:8A; Output Type:SCR; Supply Voltage Max:8VDC
|
CRYDOM CORP
|
FEC40-24D3305 FEC40-24T0512 FEC40-24T3312 FEC40-24 |
Input range:18-36 VDC;output voltage:3.3/5 VDC; output current:4/4 A mA;input current:1729 mA; 40 W DC-DC converter Input range:18-36VDC;output voltage:5/ /-12 VDC; output current:6000/ /400 mA mA;input current:1989 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:6000/ /400 mA mA;input current:1512 mA; 40 W DC-DC converter Input range:18-36 VDC;output voltage:5/ /-15 VDC; output current:6000/ /300 mA mA;input current:1958 mA; 40 W DC-DC converter
|
Power Mate Technology
|
CLC2000ISO8 |
High Output Current Dual Amplifier
|
Cadeka Microcircuits LLC.
|
MAX5854 MAX5853 MAX5854ETL MAX5851 MAX5852 |
Dual, 10-Bit, 165Msps, Current-Output DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX5547 MAX5547ETA |
Dual, 10-Bit, Current-Sink Output DAC
|
Maxim Integrated Products, Inc.
|
TCA0372DP1 TCA0372DP2 TCA0372BDP1 |
1A Output Current, Dual Power Operational Amplifier
|
ON Semiconductor
|
MAX554709 |
Dual, 10-Bit, Current-Sink Output DAC
|
Maxim Integrated Products
|