PART |
Description |
Maker |
FXLA104UMX12 FXLA104UM12X12 FXLA10412 |
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
|
Fairchild Semiconductor
|
FXL2TD245L10X FXL2TD245 |
Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs and Independent Direction Controls Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
|
FAIRCHILD[Fairchild Semiconductor]
|
G2129 |
1-2-4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and ±15kV ESD Protection
|
Global Mixed-mode Techn...
|
74ALVC16245 74ALVCH16245 74ALVC16245DGG 74ALVC1624 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 2.5V/3.3V 16-bit bus transceiver with direction pin (3-State)(带定向引脚的2.5V/3.3V 16位总线收发器(三态)) 2.5V/3.3V 16-bit bus transceiver with direction pin 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
UM3301B |
1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
|
Union Semiconductor, In...
|
IDT74CBTLV16210 IDT74CBTLV16210PA IDT74CBTLV16210P |
LOW-VOLTAGE 20-BIT BUS SWITCH CBTLV/3B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO48 LOW-VOLTAGE 20-BIT BUS SWITCH 低电0位总线开
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
BS62LV4006 BS62LV4006EC-70 BS62LV4006PC BS62LV4006 |
Very Low Power/Voltage CMOS SRAM 512K X 8 bit Very Low Power/Voltage CMOS SRAM 512K X 8 bit 非常低功电压CMOS SRAM的为512k × 8 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) Asynchronous 4M(512Kx8) bits Static RAM
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor] Brilliance Semiconducto...
|
74VCX16244DT 74VCX16244DTR 74VCX16244 |
Low-Voltage 1.8/2.5/3.3V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting) Low-Voltage 1.8V/2.5V/3.3V 16-Bit Buffer
|
ONSEMI[ON Semiconductor]
|
74AVC16245-15 |
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
|
NXP Semiconductors
|
BXA30-48S3V3/8-F BXA30-48S3V3-1 BXA30-12S05-F BXA3 |
Low on resistance quad, SPDT, wide-bandwidth video switch Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer 14 bit dual supply bus transceiver level translator, a side series resistor, 2 bit I²C lines Low voltage 0.5O max quad SPDT switch with break before make feature Low voltage 0.5 O max quad SPDT switch with break-before-make feature Low voltage 0.5O max dual SPDT switch with break before make feature Low voltage 4 O SPDT switch Low voltage 0.5 O max dual SPDT switch with break-before-make Low voltage high bandwidth Quad SPDT switch DC至DC转换 Low Voltage 0.5 Ohm Max, quad SPDT switch with break-before-make feature DC至DC转换 DC to DC Converter DC至DC转换 Low voltage high bandwidth dual SPDT switch DC至DC转换
|
Jiangsu Changjiang Electronics Technology Co., Ltd.
|