PART |
Description |
Maker |
DSS-113 |
Two-Way Power Divider 400 kHz - 400 MHz
|
MACOM[Tyco Electronics]
|
DS-332PIN |
Two-Way Power Divider, 400 KHz - 400 MHz
|
M/A-COM Technology Solutions, Inc.
|
DSS-113 DSS-113PIN DS-113PIN |
Two-Way Power Divider, 400 KHz - 400 MHz
|
M/A-COM Technology Solutions, Inc.
|
CS5180-CL |
Modulator & 8 kHz to 400 kHz 16-Bit ADC Modulator & 8 kHz to 400 kHz 16-Bit ADC 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PQCC28
|
Cirrus Logic, Inc.
|
CS5181-BL |
Modulator & 400 kHz to 625 kHz 16-Bit ADC
|
Cirrus Logic, Inc.
|
SG1524BF SG1524BJ |
0.2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, CDFP16 0.2 A SWITCHING CONTROLLER, 400 kHz SWITCHING FREQ-MAX, CDIP16
|
|
2920-400 |
400 KHz Center Frequency
|
KR Electronics, Inc.
|
MCRF200I_1M14D MCRF200I1M14D MCRF200I_SN00A MCRF20 |
The MCRF200 is a low cost one time contactlessly programmable passive Radio Frequency Indentification (RFID) IC device for low frequency applications (100 kMz - 400 kMz). The device has a total of 128 bits of memory and can be configured w 125 kHz microID⑩ Passive RFID Device 125 kHz microID Passive RFID Device 125 kHz microID?/a> Passive RFID Device AC 4C 4#8 SKT PLUG ER 19C 19#16 SKT PLUG 125 kHz microIDPassive RFID Device 125千赫microID⑩无RFID器件 125 kHz microIDPassive RFID Device 125千赫microID⑩无源RFID器件 125 kHz microID?Passive RFID Device
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
TP-104PIN TP-104 |
CONNECTOR ACCESSORY RF Pulse Transformer 750 kHz - 400 MHz
|
MACOM[Tyco Electronics]
|
APT40M70B2VFRG APT40M70LVFRG |
Power FREDFET; Package: T-MAX™ [B2]; ID (A): 57; RDS(on) (Ohms): 0.07; BVDSS (V): 400; 57 A, 400 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power FREDFET; Package: TO-264 [L]; ID (A): 57; RDS(on) (Ohms): 0.07; BVDSS (V): 400; 57 A, 400 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-264AA
|
Microsemi, Corp.
|
1SMA43CAT3G |
400 Watt Peak Power Zener Transient Voltage Suppressors 400 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
ESSM-2-6 ESSM-2-6TR |
E-Series 2-Way 0Power Divider 5900 MHz E-Series 2-Way 0 Power Divider 5 - 900 MHz
|
MACOM[Tyco Electronics]
|