PART |
Description |
Maker |
LTC7541A LTC7541AKN LT7541A LTC7541 LTC7541AJN LTC |
Improved Industry Standard CMOS 12-Bit multiplying DAC From old datasheet system
|
LINEAR TECHNOLOGY CORP
|
MC68HC05SU3A |
Fully static chip design featuring the industry standard 8-bit M68HC05 core
|
FREESCALE[Freescale Semiconductor, Inc]
|
LTC8143ENPBF LTC8143ESWTRPBF LTC7543GKSWPBF LTC754 |
Improved Industry Standard Serial 12-Bit Multiplying DACs; Package: PDIP; No of Pins: 16; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP16 Improved Industry Standard Serial 12-Bit Multiplying DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 125°C SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO16 Improved Industry Standard Serial 12-Bit Multiplying DACs; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO16 Improved Industry Standard Serial 12-Bit Multiplying DACs; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDIP16 Improved Industry Standard Serial 12-Bit Multiplying DACs; Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO16
|
Linear Technology, Corp.
|
LTC7545ACNPBF LTC7545ABNPBF LTC7545ABSWPBF |
Improved Industry Standard Parallel 12-Bit Multiplying DAC; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PDIP20 Improved Industry Standard Parallel 12-Bit Multiplying DAC; Package: PDIP; No of Pins: 20; Temperature Range: -40°C to 85°C PARALLEL, WORD INPUT LOADING, 12-BIT DAC, PDIP20 Improved Industry Standard Parallel 12-Bit Multiplying DAC; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD571 5962-8680202VA AD571KD/ AD571SCHIPS |
10-Bit A/D Converter ECONOLINE: RO & RE - Industry Standard Pinout- 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Custom 10-Bit, A/D Converter, Complete with Reference and Clock
|
Analog Devices, Inc.
|
AM27S185LC-S AM27LS185/BVA AM27PS185/BVA AM27PS185 |
Improved Industry Standard Serial 12-Bit Multiplying DACs; Package: PDIP; No of Pins: 16; Temperature Range: 0°C to 70°C x4 PROM x4胎膜早破
|
Belden, Inc.
|
AD1671JP-REEL AD1671AQ AD1671JP |
; Industry Standard SIP7 and DIP14 Packages; Power Sharing on Outputs; Optional Continuous Short Circuit Protected; 1kVDC & 2kVDC Isolation Options Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
|
Analog Devices, Inc.
|
30C40 |
Industry Standard Mounting
|
American Electronic Com...
|
AGQ300-48S1V2P-4L |
Industry standard quarter brick
|
Emerson Network Power
|