PART |
Description |
Maker |
05 |
5000 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
GENERAL SEMICONDUCTOR INC
|
2SK3022 |
Silicon N-Channel Power F-MOS FET 5000 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Panasonic, Corp. Panasonic Semiconductor
|
FDS8433A00 FDS8433A FDS8433ANL |
Single P-Channel 2.5V Specified MOSFET 5000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
5KP100 5KP100A 5KP10A 5KP6.0 5KP30 5KP6.0A 5KP9.0A |
Ppk=5000W, Vc=162V transient voltage suppressor 5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:21-41
|
MCC Micro Commercial Components, Corp. Micro Commercial Components Corp.
|
PMP4201G PMP4201V PMP4201Y PMP4201Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
PMP4501G PMP4501V PMP4501Y PMP4501Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
MC33072PG MC34071 MC33071 MC33072AD MC33072ADG MC3 |
Single Supply 3 V to 44 V, Low Input Offset Voltage, Dual Op Amp DUAL OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PQCC10 3-44V Quad Channel Operational Amplifier, Ta = 0 to 70°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Rail; Qty per Container: 55 QUAD OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: TSSOP-14; No of Pins: 14; Container: Rail; Qty per Container: 96 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 Single Supply 3.0 V to 44 V Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDIP8 Single Supply 3.0 V to 44 V Operational Amplifiers DUAL OP-AMP, 7000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tube; Qty per Container: 55 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 3-44V Quad Channel Operational Amplifier with 3mV VIO, Ta = -40 to 85°C - Pb-free; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 QUAD OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO14 Single Supply 3.0 V to 44 V Operational Amplifiers
|
ON Semiconductor
|
AD8392 AD8392ACP-R2 AD8392ACP-REEL AD8392ACP-REEL7 |
Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver QUAD OP-AMP, 5000 uV OFFSET-MAX, QCC32 Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver QUAD OP-AMP, 5000 uV OFFSET-MAX, PDSO28 Low Power, High Output Current, Dual Channel ADSL/ADSL2 Line Driver
|
Analog Devices, Inc. AD[Analog Devices]
|
PBSS4350SS115 |
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor; Package: SOT96-1 (SO8); Container: Tape reel smd 2700 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
BZW50-1003 BZW50-33 BZW50-33B BZW50-33BRL BZW50-33 |
TRANSILTM 5000 W, UNIDIRECTIONAL, SILICON, TVS DIODE 5000 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
ST Microelectronics STMicroelectronics
|
PEMH16 PUMH16 PEMH16-PUMH16-15 |
NPN/NPN resistor-equipped transistors; NPN-NPN resistor-equipped transistors; R1 = 22 kOhm, R2 = 47 kOhm 100 mA, 50 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR NPN/NPN resistor-equipped transistors R1 = 22 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
|