PART |
Description |
Maker |
ZXMP3F30FH ZXMP3F30FHTA |
30V SOT23 P-CHANNEL ENHANCEMENT MODE MOSFET
|
Diodes Incorporated
|
ZXMN3F30FHTA ZXMN3F30FH |
30V SOT23 N-channel enhancement mode MOSFET 30V SOT23N-CHANNEL ENHANCEMENT MODE MOSFET
|
Diodes Incorporated
|
FDD6680AS FDD6680AS08 |
30V N-Channel PowerTrench? SyncFET?/a> 30V N-Channel PowerTrench垄莽 SyncFET垄芒 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
BSR56 BSR57 |
N-channel FET BSR57<SOT23 (TO-236AB)|<<http://www.nxp.com/packages/SOT23.html<1<week 34, 2003,;BSR57/C<SOT23 (TO-236AB)|<<http://www.nxp.com/packages/SOT23.html<1<Always Pb-free,; N-channel FETs
|
NXP Semiconductors N.V. Philips
|
STS3DNF30L 6336 |
N-Channel 30V-0.055Ω-3.5A-SO-8 PowerMESH MOSFET(N沟道MOSFET) N沟道30V的,0.055Ω- 3.5A SO - 8封装PowerMESH MOSFET的(不适用沟道MOSFET的) N - CHANNEL 30V - 0.055 - 3.5A - SO-8 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FDMS867408 FDMS8674 |
N-Channel PowerTrench垄莽 MOSFET 30V, 21A, 5.0m楼? N-Channel PowerTrench庐 MOSFET 30V, 21A, 5.0m惟 N-Channel PowerTrench? MOSFET 30V, 21A, 5.0mΩ
|
Fairchild Semiconductor
|
FDS6676AS08 |
30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrench㈢ SyncFET⑩
|
Fairchild Semiconductor
|
HP4936DY FN4469 HP4936DYT |
5.8A, 30V, 0.037 Ohm, Dual N-Channel,Logic Level Power MOSFET(5.8A, 30V, 0.037 Ω,双N沟道,逻辑电平功率MOS场效应管) 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5.8A I(D) | SO 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 5.8A/ 30V/ 0.037 Ohm/ Dual N-Channel/ Logic Level Power MOSFET 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BAP64-06 |
Silicon PIN diode BAP64-06<SOT23 (SOT23)|<<http://www.nxp.com/packages/SOT23.html<1<week 34, 2003,;
|
NXP Semiconductors N.V.
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FDS8672S FAIRCHILDSEMICONDUCTORCORP-FDS8672S |
N-Channel PowerTrench㈢ SyncFET⑩ 30V, 18A, 4.8mヘ N-Channel PowerTrench? SyncFET?/a> 30V, 18A, 4.8mΩ
|
Fairchild Semiconductor
|
NTMS4705N |
Power MOSFET 30V, 12A, Single N Channel, SO8(30V, 12A锛????OSFET)
|
ON Semiconductor
|
|