PART |
Description |
Maker |
CS8361YDWFR16 CS8361YDWF16 CS8361YDPSR7 |
5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO16 5.0V/100mA & Tracker/200mA Dual LDO w/ Enable and Reset; Package: D2PAK-7 (Short Lead); No of Pins: 7; Container: Tape and Reel; Qty per Container: 750 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PSSO7
|
ON Semiconductor
|
RT918208 RT9182GPES RT9182DPES RT9182BPES RT9182IG |
Dual, Low-Noise, 200mA LDO Regulator Dual, Low-Noise, 200mA LDO Regulator
|
Richtek Technology Corporation Richtek Technology Corporat... Richtek Technology Corp...
|
TC1266VUA TC1266VOA TC1266 TC1266VUATR TC1266VOATR |
The TC1266 is an application-specific, low dropout regulator (LDO) specifically intended for use in PCI peripheral card applications ... 200mA PCI LDO The TC1266 is an application-specific, low dropout regulator (LDO) specifically intended for use in PCI peripheral card applications complying with PCI Power Management (PCI 2.0). It provides an uninterrupted, 3.3V, 200mA (max) output volt
|
MICROCHIP[Microchip Technology]
|
RT9182GPES |
Up to 200mA Output Current (Each LDO)
|
TY Semiconductor Co., Ltd
|
MIC5368-1.2YMT MIC5368-1.5YMT MIC5368-3.3YMT MIC53 |
High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF庐 High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF?
|
Micrel Semiconductor
|
MIC94310-SYM5 |
200mA LDO with Ripple Blocker?Technology
|
Micrel Semiconductor
|
BU26TD2WNVX BU18TD2WNVX BU32TD2WNVX BU2ATD2WNVX BU |
1ch 200mA CMOS LDO Regulators
|
Rohm
|
RP100X |
LOW NOISE 200mA LDO REGULATOR
|
RICOH electronics devices division
|
BU33SD2MG-M BU25SD2MG-M |
1ch 200mA CMOS LDO Regulators
|
ROHM
|
LT3480 LT3645 LT3791 LT3990 LT3991 LT3682 LT3970 L |
36V 500mA Step-Down Regulator and 200mA LDO
|
Linear Technology
|
SP6201EM5-L-1-8 SP6201EM5-L-1-5 SP6201EM5-L-2-5 SP |
100mA/200mA Micropower CMOS LDO Regulators
|
Exar Corporation
|