PART |
Description |
Maker |
YB1200R |
150mA High PSRR
|
YOBON TECHNOLOGIES
|
MAX8842ELT MAX8840ELT MAX8840ELT16T MAX8840ELT18T |
Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in μDFN Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in レDFN
|
MAXIM[Maxim Integrated Products]
|
AUR9503 |
150mA, Low Noise, High PSRR Low-dropout Regulator
|
Diodes
|
AS1361-BTTT-15 AS1361-BTTT-18 AS1361 AS1361-BTTT-2 |
150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
|
austriamicrosystems AG
|
TPS717XX |
Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator in SC70-5
|
TI
|
ISL9016IRUJJZ-T ISL9016IRUNCZ-T |
150mA Dual LDO with Low Noise, High PSRR, and Low IQ
|
Intersil Corporation
|
MIC2215 MIC2215-PPPBML MIC2215-PMMBML MIC2215-AAAB |
4500 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN Replaced by PTH05060W : GT 24C 24#16 PIN PLUG Tirple High PSRR/ Low Noise uCap LDO Tirple High PSRR, Low Noise uCap LDO Tirple High PSRR Low Noise uCap LDO
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
ISL9016IRUJCZ-T ISL9016IRUJJZ-T ISL9016IRUJWZ-T IS |
150mA Dual LDO with Low Noise, High PSRR, and Low IQ; Temperature Range: -40°C to 85°C; Package: 6-uTDFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6
|
Intersil, Corp. Intersil Corporation
|
MIC5319 MIC5319YML MIC5319-2 MIC5319-8BD5 MIC5319- |
500mA Cap Ultra-Low Dropout, High PSRR LDO Regulator 500mA的?第超低压差,高PSRR LDO稳压 500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator From old datasheet system Voltage Regulator - Datasheet Reference 500mA ?Cap Ultra-Low Dropout, High PSRR LDO Regulator
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ADP221 ADP220 |
Dual, 200 <span style="text-transform: lowercase">m</span>A, Low Noise, High PSRR Voltage Regulator Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
|
Analog Devices
|
|