PART |
Description |
Maker |
XC6368C401ML XC6368C402ML XC6368C152MR XC6367D101M |
PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers PWM控制,PWM / PFM切换升压DC / DC控制
|
TOREX SEMICONDUCTOR LTD. Torex Semiconductor, Ltd.
|
UC3550G-XX-AF5-R UC355010 |
PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
|
Unisonic Technologies
|
XC9101DE0AKR XC9101DE0AKL XC9101CE0AKR XC9101CE0AK |
PWM Controlled Step-Up DC/DC Controllers PWM控制升压型DC / DC控制 PWM Controlled Step-Up DC/DC Controllers PWM控制升压DC / DC控制 3M™ SCOTCHMATE™ RECLOSABLE FASTENER HOOK SJF3526N BLACK 3/4" PWM控制升压型DC / DC控制
|
TOREX SEMICONDUCTOR LTD. Torex Semiconductor, Ltd.
|
XC6371A501PR XC6371FXX2PR XC6371 XC6371A301PR XC63 |
PWM Controlled Step-Up DC/DC Controllers/Converters
|
TOREX[Torex Semiconductor]
|
XC6371SERIES TOR015 |
PWM Controlled Step-up DC/DC Converters From old datasheet system
|
Torex
|
XC910D001AASL XC910C001AASL XC910D001HKSR XC910C00 |
PWM Controlled Step-Up DC/DC Controllers PWM控制升压型DC / DC控制
|
Torex Semiconductor, Ltd.
|
XC9119D10AEL XC9119D10A XC9119D10AER XC9119D10AMR |
1MHZ, PWM CONTROLLED, STEP-UP DC/DC CONVERTER, CERAMIC CAPACITOR COMPATIBLE
|
Torex Semiconductor
|
R1210N361D-TR R1210N361C-TL R1210N361D-TL R1210N36 |
PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Standard taping specification TR PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.5V. Oscillator frequency 100kHz with a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 180kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.4V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM step-up DC/DC converter. Output voltage 2.3V. Oscillator frequency 100kHz without a frequency change-over cicuit. Taping specification TL PWM Step-up DC/DC Converter CAP 22PF 200V 5% NP0(C0G) DIP-2 TUBE-PAK S-MIL-PRF-39014/22 CAP 0.47UF 50V 10% X7R DIP-2 TUBE-PAK R-MIL-PRF-39014/22 SWITCHING REGULATOR, 216 kHz SWITCHING FREQ-MAX, PDSO5 SMPS Controller 开关电源控制器
|
Ricoh Co., Ltd. EPCOS AG Maxim Integrated Products, Inc. RICOH electronics devic...
|
MAX668-MAX669 MAX668EUB MAX669EUB MAX669 MAX668 |
1.8V to 28V Input, PWM Step-Up Controllers in レMAX SWITCHING CONTROLLER, 575 kHz SWITCHING FREQ-MAX, PDSO10 1.8V to 28V Input, PWM Step-Up Controllers in MAX Quadruple 2-Line To 1-Line Data Selector/Multiplexer With 3-State Outputs 20-LCCC -55 to 125 QUADRUPLE 2-INPUT POSITIVE-OR GATES 14-CDIP -55 to 125 1.8V to 28V Input, PWM Step-Up Controllers in μMAX
|
Maxim Integrated Products, Inc.
|
EL7515 EL7515IY EL7515IY-T13 EL7515IY-T7 |
PWM, Step Up with High Frequency, VIN >1.8V, VOUT =4.5V-18V SMPS Controller High Frequency PWM Step-Up Regulator
|
Intersil Corporation
|
MAX787 MAX789 MAX788 |
5V/3.3V/3V 5A Step-Down, PWM,
Switch-Mode DC-DC Regulators(5A,5V步降,PWM,开关型DC-DC变换
|
Maxim Integrated Products, Inc.
|
MAX728 |
5V/3.3V/3V 2A Step-Down, PWM,
Switch-Mode DC-DC Regulators(2A,5V,步降,PWM,开关型DC-DC变换
|
Maxim Integrated Products, Inc.
|