PART |
Description |
Maker |
SPL-74H73H-G |
3.3V / 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX IEEE 802.3ah-2004 PX-20 SC SFP OLT Transceiver
|
Optoway Technology Inc
|
NU-73B94B-P-AG NU-73B94B-PG |
3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
|
Optoway Technology Inc
|
VSC7965 |
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
|
Vitesse Semiconductor C...
|
NU-73B94B-PG NU-73B94B-P-AG |
3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - TG.984.2 BG - PON的ONU的收发器 3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver 3.3.244 Gbps310纳米突发模式德克萨斯 2.488 Gbps490纳米连续收发2X5 SFF封装,ITU - T的G.984.2 B级G - PON的ONU的收发器
|
Optoway Technology Inc. Optoway Technology, Inc.
|
MB82DBS02163E-70L |
32 Mbit Mobile FCRAM 1.8 V, Burst Mode & Page Mode
|
Fujitsu Limited Fujitsu Component Limited. Fujitsu Media Devices Limited
|
AM29BL162CB-90R AM29BL162CB-70R AM29BL162CB-120R A |
16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory 16兆位米16位)的CMOS 3.0伏特,只有突发模式闪 16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory 1M X 16 FLASH 3V PROM, 65 ns, PDSO56
|
Spansion Inc. Spansion, Inc.
|
NU-33B54B-R-A NU-33B54B-P-A NU-33B54B-P NU-33B54B- |
155 Mbps 1310 nm Burst Mode TX / 622 Mbps 1490 nm Continuous-Mode RX 3.3V, 2X5 SFF Package, Class B B-PON ONU Transceiver
|
Optoway Technology Inc
|
LT-54B33B-P-AG LT-54B33B-PG LT-54B353B-PG |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
|
Optoway Technology Inc
|
AM29BDS643GT5KVAI AM29BDS643GT7KVAI AM29BDS643GT5G |
64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 4M X 16 FLASH 1.8V PROM, 70 ns, PBGA44 64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 64兆位个M x 16位)的CMOS 1.8伏,只有同时写,突发模式闪存
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
PCD5042 PCD5042HZ |
DECT burst mode controller
|
NXP Semiconductors
|
S29NS128J0LBJW000 S29NS064J0LBJW000 S29NS032J0LBJW |
Burst Mode Flash Memories
|
SPANSION
|
EXC24CG240U |
Common mode Filters(for Gbps)
|
Panasonic
|