PART |
Description |
Maker |
IPM6220EVAL1 ISL6235CA ISL6235 ISL6235EVAL1 |
27.0; advanced triple PWM only mode and dual linear power controller for portable applications PWM Controller, Triple Linear and Dual PWM, 5.6 to 24V Input, Outputs 5/ 3.3V ALWAYS and 5V/ 3.3V Main, 12V, Notebook PCs Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC -40 to 85 只有先进的三重的PWM模式和双线性电源控制器,用于便携式应用
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
DM74AS873 DM74AS873NT N24C |
Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
SL74HC75 SL74HC75D SL74HC75N |
Dual 2-Bit Transparent Latch(High-Performance Silicon-Gate CMOS)
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
IN74HC75A IN74HC75AD IN74HC75AN |
Dual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS
|
IK Semicon Co., Ltd
|
24LC21A-I_P 24LC21A-I_SN 24LC21AT-I_P 24LC21AT-I_S |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 0.300 INCH, ROHS COMPLIANT, PLASTIC, DIP-8 1K 2.5V Dual Mode I2C?/a> Serial EEPROM 1K 2.5V Dual Mode I2C Serial EEPROM 1K 2.5V Dual Mode I2C垄芒 Serial EEPROM
|
Microchip Technology, Inc.
|
AT29LV020-20TC AT29LV020-20TI AT29LV020-25TC |
High Speed CMOS Logic Dual 2-Bit Bistable Transparent Latches 16-TSSOP -55 to 125
|
Atmel Corp.
|
74LVTH322373G 74LVT322373 74LVT322373G 74LVTH32237 |
Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25蟹 Series Resistors in the Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 125C, 8-MSOP, T/R LVT SERIES, QUAD 8-BIT DRIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25?/a> Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25з Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25-Ohm Series Resistors in the Outputs Low Voltage 32-Bit Transparent Latch with 3-STATE Outputs and 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BF998A BF998B BF998RA BF998RAW BF998RB BF998RBW BF |
N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode N沟道双栅MOS - Fieldeffect四极管,耗尽 N-Channel Dual Gate MOS-Fieldeffect Tetrode/ Depletion Mode RES,Metal Glaze,33.2Ohms,200WV,1 /-% Tol,-100,100ppm-TC,1210-Case RoHS Compliant: No N?Channel Dual Gate MOS-Fieldeffect Tetrode,Depletion Mode From old datasheet system
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix]
|
ACTS573MS 5962F9672501VXC 5962F9672501VRC FN4092 A |
Dual J-K Negative-Edge-Triggered Flip-Flop With Clear And Preset 16-PDIP 0 to 70 Radiation Hardened Octal Three-State Transparent Latch From old datasheet system
|
INTERSIL[Intersil Corporation]
|
CAT24C21ZE-GT3 CAT24C21ZE-T3 CAT24C21LI-T3 CAT24C2 |
1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1 kb Dual Mode Serial EEPROM for VESA “Plug-and-Play?/a> 1 kb Dual Mode Serial EEPROM for VESA ??lug-and-Play??/a>
|
http:// ON Semiconductor
|
MC54-74HC373A MC54_74HC373A MC54HC373A ON1421 MC74 |
Octal 3-State Non-Inverting Transparent Latch OCTAL 3-STATE NON-LNVERTING TRANSPARENT LATCH From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|