PART |
Description |
Maker |
AM186EMLV-40VC/W AM186EMLV-20KC/W AM186EMLV-40KI/W |
Am188EM/EMLV Microcontrollers Data Sheet High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
|
http:// Advanced Micro Devices
|
AT91SAM7S256 AT91SAM7S256-AI |
Atmels AT91SAM7S256 is a member of a series of low pincount Flash microcontrollers based on the 32-bit ARM RISC processor. ... AT91 ARM THUMB-BASED MICROCONTROLLERS
|
ATMEL Corporation
|
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
Z86C91 Z86C9116PSG Z86C9116VSC |
COMS Z8 ROMLess Microcontrollers CMOS Z8 ROMLess Microcontrollers
|
Zilog, Inc. http://
|
Z86E04 Z86E09 Z86E08 Z86E0812SSC1924 Z86E02 Z86E04 |
(Z86E04/E08/E09) CMOS Z8 OTP Microcontrollers Z8 CMOS OTP Microcontrollers
|
ZILOG[Zilog, Inc.]
|
PIC16LF818-IP PIC16F818-ISO PIC16F819-E PIC16F819- |
Enhanced Flash Microcontrollers 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
MC68HC711P2CFS3 MC68HC711P2CFS4 MC68HC11P2BCFN4 |
Microcontrollers 8-BIT, UVPROM, 4 MHz, MICROCONTROLLER, CQCC84 Microcontrollers 8-BIT, MROM, 4 MHz, MICROCONTROLLER, PQCC84
|
Motorola, Inc. Motorola Mobility Holdings, Inc. Linear Technology, Corp.
|
HCS12 |
HCS12 Microcontrollers HCS12 Microcontrollers
|
Freescale Semiconductor, Inc
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
SAF-TC1130-L100EBBA SAF-TC1130-L150EBBA |
32-Bit Industrial &Communication Controller 32-Bit Microcontrollers - 100 MHZ, -40C/ 85c 32-Bit Microcontrollers - 150 MHZ, -40C/ 85c
|
Infineon
|
|