PART |
Description |
Maker |
MC44C404EPR2 MC44C404 MC44C404EP |
Stereo Encoder
|
Freescale Semiconductor, Inc
|
MC44C402 MC44C402AC MC44C402ACR2 |
MTS Stereo Encoder
|
FREESCALE[Freescale Semiconductor, Inc]
|
MC44C401L MC44C401LAC |
MC44C401L MTS Stereo Encoder
|
Freescale Semiconductor, Inc
|
MS6821 MS6821G MS6821TGTR MS6821TGU |
4 Stereo Inputs, 2W BTL Stereo Output 16-bit Stereo DAC and Volume Control
|
MOSA ELECTRONICS
|
HCS360 HCS360T-/SN HCS360T-/P HCS360-/P HCS360-/SN |
Remote-Control Transmitter/Encoder KEELOQ? Code Hopping Encoder KEELOQ庐 Code Hopping Encoder
|
Microchip Technology
|
62S11-M0-P 62S18-H0-PHT 62S18-H9-PHT 62S18-L4-P 62 |
1/2" Package, Low Profile Encoder SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER
|
Grayhill, Inc. GRAYHILL INC
|
EM14R1D-R25-L032S EM14R1D-R20-L032S EM14A0A-B28-L0 |
ROTARY OPTICAL ENCODER - 14MM SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER 14 mm Rotary Optical Encoder w/Switch SINGLE, 2 CHANNELS, ROTARY OPTICAL POSITION ENCODER Optical Encoder; Encoder Type:Optical; Encoder Resolution:16CPR; No. of Channels:2; Shaft Diameter:6mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes ENCODER, ROTARY, OPTICAL, W/SW, 14MM; Resolution, PPR:32; Current rating:25mA; Series:EM14A0D-C24-L032S; Depth, behind panel:10.03mm; Speed, rotational:120rpm; Temperature, operating range:-40(degree C) to 70(degree C); Current, RoHS Compliant: Yes Optical Encoder; Encoder Type:Optical; Encoder Resolution:8CPR; No. of Channels:2; Shaft Diameter:6.35mm; Series:EM14; Rotation Speed:120rpm; Rotational Life Revolutions:1000000; Torque Max:1.5in-oz RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
HEDS-8950 HEDS-8951 HEDS-8952 AEDB-9340-B-011-A AE |
SINGLE, 3 CHANNELS, ROTARY OPTICAL POSITION ENCODER 1250/2500 CPR Commutation Encoder Modules with Codewheel
|
AVAGO TECHNOLOGIES LIMITED Avago Technologies Ltd.
|
HCTS147MS HCTS147D HCTS147DMSR HCTS147HMSR HCTS147 |
Radiation Hardened 10-to-4 Line Priority Encoder HCT SERIES, 9-BIT ENCODER, CDIP16 Quadruple 2-Input Positive-AND Gates 14-CFP -55 to 125
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
SAA7102 SAA7103 SAA7103E SAA7103H SAA7102H |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:12; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Digital video encoder COLOR SIGNAL ENCODER, PBGA156 Digital video encoder COLOR SIGNAL ENCODER, PQFP44
|
NXP Semiconductors N.V.
|