PART |
Description |
Maker |
KZ2W330MS KZ2W331MS KZ2W471MS KZ2W470MS KZ2C470LT |
CHIP TYPE, EXTRA LOW IMPEDANCE 芯片类型,超低阻
|
DB Lectro Inc. DB Lectro, Inc.
|
LZ2A101KC LZ1H330KC LZ1H330KR LZ1H330KS LZ1H330KT |
CHIP TYPE, LOW IMPEDANCE CHIP TYPE, LOW IMPEDANCE
|
DB Lectro Inc
|
KZ2A101KC KZ1H330KC KZ1H330KR KZ1H330KS KZ1H330KT |
CHIP TYPE, EXTRA LOW IMPEDANCE CHIP TYPE, EXTRA LOW IMPEDANCE
|
DB Lectro Inc
|
MT4532-700Y |
Low Impedance Chip Ferrite Beads
|
Bourns Electronic Solutions
|
ZM330-Z ZM200X ZM200-Y ZM200-Z ZM220-Y ZM220-Z ZM2 |
RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:8, 9, 213, 214; Body Material:Brass; Body Plating:Silver; Connector Retention Style:Clamp RoHS Compliant: Yes 1瓦表面贴装稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Jack RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Jack; RG Cable Type:8, 9, 87A, 144, 165, 213, 214, 216, 225; Body Material:Brass; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Receptacle; Body Material:Brass; Contact Plating:Silver; Series:N; Operating Temperature Range /-:65 C to 165 C; Voltage Rating:1500V RoHS Compliant: Yes N STR JACK,NICKEL PLATE,LMR240 RoHS Compliant: Yes 1WATT SURFACE MOUNT ZENER DIODE
|
Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 FORMOSA[Formosa MS]
|
MAL218097257E3 MAL218097251E3 MAL218097254E3 MAL21 |
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
|
Vishay Siliconix
|
477JZM016M 477JZM025M 687JZM010M 687JZM016MLN 228J |
105隆?C Low ESR Low Impedance Aluminimum Electrolytic Capacitors 105掳C Low ESR Low Impedance Aluminimum Electrolytic Capacitors 105°C Low ESR Low Impedance Aluminimum Electrolytic Capacitors
|
Illinois Capacitor, Inc. http://
|
GL34 GL34D GL34G |
Silicon passivated type Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 33uF; Voltage: 10V; Case Size: 5x11 mm; Packaging: Bulk
|
美丽微半导体有限公司
|
2SK30ATM |
Field Effect Transistor Silicon N Channel Junction Type Low Noise Pre-Amplifier, Tone Control Amplifier and DC-AC High Input Impedance Amplifier Circuit Applications
|
TOSHIBA
|
687KXM010M 688KXM010M 227KXM010M 228KXM010M 107KXM |
105隆?C Low Impedance Radial Lead Aluminum Electrolytic Capacitors 105掳C Low Impedance Radial Lead Aluminum Electrolytic Capacitors 105°C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
|
Illinois Capacitor, Inc...
|