PART |
Description |
Maker |
LTC1440CDDTRPBF LTC1440CDDPBF LTC1440IDDTRPBF LTC1 |
Ultralow Power Single/Dual Comparator with Reference; Package: DD PAK; No of Pins: 8; Temperature Range: 0°C to 70°C COMPARATOR, 10000 uV OFFSET-MAX, 14000 ns RESPONSE TIME, PDSO8 Ultralow Power Single/Dual Comparator with Reference; Package: DD PAK; No of Pins: 8; Temperature Range: -40°C to 85°C COMPARATOR, 10000 uV OFFSET-MAX, 14000 ns RESPONSE TIME, PDSO8 Ultralow Power Single/Dual Comparator with Reference; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL COMPARATOR, 10000 uV OFFSET-MAX, 5000 ns RESPONSE TIME, PDIP8 Ultralow Power Single/Dual Comparator with Reference; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LT6203IS8 LT6203IMS8 LT6202CS5 |
Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps DUAL OP-AMP, 7500 uV OFFSET-MAX, 90 MHz BAND WIDTH, PDSO8 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C OP-AMP, 7300 uV OFFSET-MAX, 95 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
STM8L152R6 STM8L152M8T6 STM8L152C8 STM8L152C8T6 ST |
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators 8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM
|
STMicroelectronics
|
AD708 AD708SH/883B AD708JGRADECHIPS AD708SGRADECHI |
Ultralow Offset Voltage Dual Op Amp Ultralow Offset Voltage Dual Op Amp DUAL OP-AMP, 65 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, MBCY8 Ultralow Offset Voltage Dual Op Amp DUAL OP-AMP, 65 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8
|
ANALOG DEVICES INC Analog Devices, Inc.
|
LT6202CS5 LT6202CS5PBF LT6202CS5TR LT6202CS5TRM LT |
Single 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps
|
Linear Technology
|
TPS780270200DDCTG4 TPS780300250DRVR |
<font color=red>[Old version datasheet]</font> 150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
|
TI store
|
AMPAD708 AD708AH AD708AQ AD708BH AD708BQ AD708JGRA |
Ultralow Offset Voltage Dual Op Amp
|
AD[Analog Devices]
|
AD8331ACP-REEL7 AD8331ACP-R2 AD8331ACP-REEL |
Single VGA with Ultralow Noise Preamplifier and Programmable R
|
Analog Devices
|
AD604 AD604AN AD604AR AD604ARS |
Dual, Ultralow Noise Variable Gain Amplifier
|
AD[Analog Devices]
|
MAX924C_D MAX924CPE MAX924EPE MAX924ESE MAX924MJE |
Triple 3-Input Positive-AND Gates 14-CDIP -55 to 125 Ultra Low-Power / Single/Dual-Supply Comparators Ultra Low-Power, Single/Dual-Supply Comparators Ultra Low-Power Single/Dual-Supply Comparators
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|