PART |
Description |
Maker |
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRLL024NQ IRLL024NQTRPBF |
3.1 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET HEXFET? Power MOSFET HEXFET㈢ Power MOSFET 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
International Rectifier
|
AM29F016B-120FC AM29F016B-120FI AM29F016B-75FC AM2 |
100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4410 with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to the IRFZ44VL with Lead Free packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRFSL4610 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU48Z with Lead Free Packaging 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ44VZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4410 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4410ZPBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ44VZS with Lead-Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3007 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2505 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7832Z with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF3007L with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL1104L with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3007 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3103 with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3412 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ46N with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ46Z with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB41N15D with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU48Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU3707ZCPBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1404L with Standard Packaging PDP Switch 230V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4233PBF with Standard Packaging 40V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF1404L with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU7833 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU7833 with Standard Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3714ZS with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRL2505 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7831 with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRF3007L with Lead Free Packaging x8闪存EEPROM
|
Advanced Micro Devices, Inc. Cinch Connectors
|
IRFIB7N50A IRFIB7N50APBF |
6.6 A, 500 V, 0.52 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A) HEXFET? Power MOSFET 500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFL4310 IRFL4310TR |
HEXFET? Power MOSFET 1.6 A, 100 V, 0.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA Power MOSFET(Vdss=100V, Rds(on)=0.20ohm, Id=1.6A) 100V Single N-Channel HEXFET Power MOSFET in a SOT-223 package
|
IRF[International Rectifier]
|
IRLBA3803 IRLBA3803-P IRLBA3803/P IRLBA3803PPBF IR |
30V Single N-Channel HEXFET Power MOSFET in a Super 220 (TO-273AA) package 30V的单个N -沟道HEXFET功率MOSFET的在超级220(到273AA)封 HEXFET? Power MOSFET
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRLI2203N 2308 |
30V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET From old datasheet system
|
IRF[International Rectifier]
|
IRFR224 IRFU224 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A) HEXFET? Power MOSFET
|
International Rectifier
|